Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7150S Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7150S
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7150S Datasheet(HTML) 2 Page - Analog Devices

  LTC7150S Datasheet HTML 1Page - Analog Devices LTC7150S Datasheet HTML 2Page - Analog Devices LTC7150S Datasheet HTML 3Page - Analog Devices LTC7150S Datasheet HTML 4Page - Analog Devices LTC7150S Datasheet HTML 5Page - Analog Devices LTC7150S Datasheet HTML 6Page - Analog Devices LTC7150S Datasheet HTML 7Page - Analog Devices LTC7150S Datasheet HTML 8Page - Analog Devices LTC7150S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC7106
2
Rev A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
All Pins Except GND.................................. –0.3V to 6.0V
Operating Junction Temperature Range... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
TOP VIEW
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
θJA = 55°C/W, θJC = 16.8°C/W
SDA
SCL
VDD
ALERT
GND
ASEL1
ASEL0
GPO
EN
IDAC
6
8
7
9
10
5
4
2
3
1
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7106EDDB#PBF
LTC7106EDDB#TRPBF
LHCG
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC7106IDDB#PBF
LTC7106IDDB#TRPBF
LHCG
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC7106#orderinfo
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com