Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-403-USP Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-403-USP
Description  The 關Splatch??uses a grounded-line technique to achieve outstanding performance from a tiny
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-403-USP Datasheet(HTML) 1 Page - Linx Technologies

  ANT-403-USP Datasheet HTML 1Page - Linx Technologies ANT-403-USP Datasheet HTML 2Page - Linx Technologies ANT-403-USP Datasheet HTML 3Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Revised 1/3/2017
Recommended Footprint
Recommended Mounting
No ground plane or traces
under the antenna
Ground plane on bottom
layer for counterpoise
50-ohm microstrip line
(0.21” minimum)
Vias to ground plane
PCB pads for the µSplatch
91.82 mm
(3.62”)
38.86 mm
(1.53”)
10.54 mm
(0.42”)
40.37 mm
(1.59”)
7.11 mm
(0.28”)
7.62 mm
(0.03”)
7.62 mm
(0.03”)
79.88 mm
(3.15”)
Product Description
The µSplatch™ uses a grounded-line technique
to achieve outstanding performance from a tiny
surface-mount element. This unique antenna is
designed for hand or reflow-mounting directly to a
product’s circuit board. Its low cost makes it ideal
for volume applications. Unlike many compact
antennas, the µSplatch™ exhibits good proximity
performance, making it an appropriate choice for
handheld applications such as remote controls,
pagers and alert devices.
Features
• Very low cost
• Ultra-compact package
• Direct PCB attachment
• Ideal for concealed / internal mounting
• Perfect for compact portable devices
• Suitable for hand- or reflow-assembly
• Resistant to proximity effects
Electrical Specifications
Center Frequency:
403MHz
Recom. Freq. Range:
400 – 406MHz
Bandwidth:
6MHz
Wavelength:
¼-wave
VSWR:
≤ 2.0 typical at center
Peak Gain:
–8.7dBi
Impedance:
50-ohms
Connection:
Surface-mount
Oper. Temp. Range:
–40°C to +130°C
Electrical specifications and plots measured on 3.88 cm x 8.00
cm (1.53” x 3.15”) reference ground plane.
Ordering Information
ANT-403-USP (supplied in tubes of 63 pieces)
ANT-403-USP-T (Tape and reel of 1,000 pieces)
ANT-403-USP
Data Sheet
by
12.70 mm
(0.5")
2.62 mm
(0.103")
9.14 mm
(0.36")
5.1 mm
(0.20")
1.27 mm
(0.05")
2.03 mm
(0.08")
5.1 mm
(0.20")
2.54 mm
(0.10")
Please see AN-00502 for more details on PCB layout.


Similar Part No. - ANT-403-USP

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-403-SP LINX-ANT-403-SP Datasheet
566Kb / 2P
Ideal for concealed / internal mounting
1/3/2017
ANT-403-SP-T LINX-ANT-403-SP-T Datasheet
566Kb / 2P
Ideal for concealed / internal mounting
1/3/2017
More results

Similar Description - ANT-403-USP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S12XXXH STMICROELECTRONICS-S12XXXH Datasheet
61Kb / 5P
The S12xxxH series of SCRs uses a high performance MESA
Jan-1995
AN1696 STMICROELECTRONICS-AN1696 Datasheet
622Kb / 11P
Load sharing is a technique commonly
Apr-2003
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
Outstanding performance
ANT-916-PML ETC2-ANT-916-PML Datasheet
81Kb / 1P
Outstanding performance
logo
Maxim Integrated Produc...
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Linx Technologies
ANT-2.4-PML LINX-ANT-2.4-PML Datasheet
288Kb / 2P
Outstanding performance
5/1/15
ANT-433-PW-QW LINX-ANT-433-PW-QW Datasheet
436Kb / 2P
Outstanding performance
1/26/15
ANT-315-SP LINX-ANT-315-SP Datasheet
557Kb / 2P
The Splatch uses a grounded-line technique to achieve outstanding performance from a tiny
1/3/2017
ANT-418-SP LINX-ANT-418-SP Datasheet
558Kb / 2P
The Splatch uses a grounded-line technique to achieve outstanding performance
1/3/2017
ANT-418-USP LINX-ANT-418-USP Datasheet
1Mb / 3P
The 關Splatch??uses a grounded-line technique to achieve outstanding performance from a tiny
1/3/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com