Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9306AMUTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCA9306AMUTCG
Description  Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9306AMUTCG Datasheet(HTML) 5 Page - ON Semiconductor

  PCA9306AMUTCG Datasheet HTML 1Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 2Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 3Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 4Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 5Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 6Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 7Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 8Page - ON Semiconductor PCA9306AMUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PCA9306
http://onsemi.com
5
Table 5. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
TA = −555C to +1255C
Unit
Min
Typ
(Note 8)
Max
VIK
Input Clamping Voltage
II = −18 mA; VI(EN) = 0 V
−1.2
V
IIH
High−Level Input Current
VI = 5 V; VI(EN) = 0 V
5
mA
Ci(EN)
EN Pin Input Capacitance
VI = 3 V or 0 V
7.1
pF
Ci/O(off)
OFF−State I/O Pin Capacitance
SCLn, SDAn
VO = 3 V or 0 V; VI(EN) = 0 V
4
6
pF
Ci/O(on)
ON−State I/O Pin Capacitance
SCLn, SDAn
VO = 3 V or 0 V;
VI(EN) = 3 V
9.3
12.5
pF
RON
ON−State Resistance(2)(3) SCLn, SDAn
VI = 0 V; IO = 64 mA
VI(EN) = 4.5 V
VI(EN) = 3 V
VI(EN) = 2.3 V
VI(EN) = 1.5 V
2.4
3.0
3.8
9.0
5.0
6.0
8.0
20
W
VI = 2.4 V; IO = 15 mA
VI(EN) = 4.5 V
VI(EN) = 3 V
4.8
46
7.5
80
VI = 1.7 V; IO = 15 mA
VI(EN) = 2.3 V
40
80
8. All typical values are at TA = 25°C.
9. Measured by the voltage drop between the SCL1 and SCL2, or SDA1 and SDA2 terminals at the indicated current through the switch.
ON−state resistance is determined by the lowest voltage of the two terminals.
10.Guaranteed by design.
Table 6. AC ELECTRICAL CHARACTERISTICS (Translating Down) − Values Guaranteed by Design
Symbol
Parameter
Test Condition
Load
Condition
TA = −555C to +1255C
Unit
Min
Max
SEE FIGURE 4 LOAD SWITCH AT S2 POSITION
tPLH
Low−to−High Propagation
Delay, from (input) SCL2 or
SDA2 to (output) SCL1 or
SDA1
VI(EN) = 3.3 V; VIH = 3.3 V;
VIL = 0 V; VM = 1.15 V
CL = 15 pF
0
0.6
ns
CL = 30 pF
0
1.2
CL = 50 pF
0
2.0
tPHL
High−to−Low Propagation
Delay, from (input) SCL2 or
SDA2 to (output) SCL1 or
SDA1
CL = 15 pF
0
0.75
CL = 30 pF
0
1.5
CL = 50 pF
0
2.0
tPLH
Low−to−High Propagation
Delay, from (input) SCL2 or
SDA2 to (output) SCL1 or
SDA1
VI(EN) = 2.5 V; VIH = 2.5 V;
VIL = 0 V; VM = 0.75 V
CL = 15 pF
0
0.6
ns
CL = 30 pF
0
1.2
CL = 50 pF
0
2.0
tPHL
High−to−Low Propagation
Delay, from (input) SCL2 or
SDA2 to (output) SCL1 or
SDA1
CL = 15 pF
0
0.75
CL = 30 pF
0
1.5
CL = 50 pF
0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com