Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3680AEAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3680AEAI
Description  3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3680AEAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3680AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_________________General Description
The MAX3680/MAX3680A deserializer is ideal for con-
verting 622Mbps serial data to 8-bit-wide, 77Mbps par-
allel data in ATM and SDH/SONET applications.
Operating from a single +3.3V supply, this device
accepts PECL serial clock and data inputs, and deliv-
ers TTL clock and data outputs. The MAX3680 also pro-
vides a TTL synchronization input that enables data
realignment and reframing.
The MAX3680/MAX3680A is available in the extended-
industrial temperature range (-40°C to +85°C), in a 28-
pin SSOP package.
__________________________Applications
622Mbps SDH/SONET Transmission Systems
622Mbps ATM/SONET Access Nodes
Add/Drop Multiplexers
Digital Cross-Connects
______________________________Features
♦♦ Single +3.3V Supply
♦♦ 622Mbps Serial to 77Mbps Parallel Conversion
♦♦ 165mW Power
♦♦ Synchronization Input for Data Realignment and
Reframing (MAX3680)
♦♦ Differential 3.3V PECL Clock and Data Inputs
♦♦ TTL Data Outputs
+3.3V, 622Mbps, SDH/SONET
1:8 Deserializer with TTL Outputs
________________________________________________________________
Maxim Integrated Products
1
MAX3675
MAX3664
MAX3680/
MAX3680A
DATA
AND
CLOCK
RECOVERY
OVERHEAD
TERMINATION
LIMITING
AMP
PREAMP
100
Ω
PHOTODIODE
VCC = +3.3V
VCC = +3.3V
SD+
SD-
THIS SYMBOL REPRESENTS A TRANSMISSION LINE OF CHARACTERISTIC IMPEDANCE Z0 = 50
Ω.
VCC
GND
130
Ω
130
Ω
82
Ω
82
Ω
VCC = +3.3V
130
Ω
130
Ω
82
Ω
82
Ω
VCC = +3.3V
SCLK+
SCLK-
SYNC
PCLK
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
___________________________________________________________________Typical Operating Circuit
19-1210; Rev 3; 3/07
________________Ordering Information
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+
Denotes lead-free package.
PART
TEMP RANGE
PIN-PACKAGE
MAX3680EAI
-40
°C to +85°C
28 SSOP
MAX3680EAI+
-40
°C to +85°C
28 SSOP
MAX3680AEAI
-40
°C to +85°C
28 SSOP


Similar Part No. - MAX3680AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680EAI MAXIM-MAX3680EAI Datasheet
78Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
More results

Similar Description - MAX3680AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com