Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1822/T&R Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS1822/T&R
Description  Econo 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822/T&R Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS1822/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 16Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 17Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 18Page - Maxim Integrated Products DS1822/T&R Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS1822
1-WIRE SIGNALING
The DS1822 uses a strict 1-Wire communication protocol to insure data integrity. Several signal types are
defined by this protocol: reset pulse, presence pulse, write 0, write 1, read 0, and read 1. All of these
signals, with the exception of the presence pulse, are initiated by the bus master.
INITIALIZATION PROCEDURE: RESET AND PRESENCE PULSES
All communication with the DS1822 begins with an initialization sequence that consists of a reset pulse
from the master followed by a presence pulse from the DS1822. This is illustrated in Figure 13. When the
DS1822 sends the presence pulse in response to the reset, it is indicating to the master that it is on the bus
and ready to operate.
During the initialization sequence the bus master transmits (TX) the reset pulse by pulling the 1-Wire bus
low for a minimum of 480
µs. The bus master then releases the bus and goes into receive mode (R
X).
When the bus is released, the 5k pullup resistor pulls the 1-Wire bus high. When the DS1822 detects this
rising edge, it waits 15
µs to 60µs and then transmits a presence pulse by pulling the 1-Wire bus low for
60
µs to 240µs.
INITIALIZATION TIMING Figure 13
READ/WRITE TIME SLOTS
The bus master writes data to the DS1822 during write time slots and reads data from the DS1822 during
read time slots. One bit of data is transmitted over the 1-Wire bus per time slot.
WRITE TIME SLOTS
There are two types of write time slots: “Write 1” time slots and “Write 0” time slots. The bus master
uses a Write 1 time slot to write a logic 1 to the DS1822 and a Write 0 time slot to write a logic 0 to the
DS1822. All write time slots must be a minimum of 60
µs in duration with a minimum of a 1µs recovery
time between individual write slots. Both types of write time slots are initiated by the master pulling the
1-Wire bus low (see Figure 14).
To generate a Write 1 time slot, after pulling the 1-Wire bus low, the bus master must release the 1-Wire
bus within 15
µs. When the bus is released, the 5k pullup resistor will pull the bus high. To generate a
Write 0 time slot, after pulling the 1-Wire bus low, the bus master must continue to hold the bus low for
the duration of the time slot (at least 60
µs).
LINE TYPE LEGEND
Bus master pulling low
DS1822 pulling low
Resistor pullup
VPU
GND
1-WIRE BUS
480
µs minimum
480
µs minimum
DS1822 TX
presence pulse
60-240
µs
MASTER TX RESET PULSE
MASTER RX
DS1822
waits 15-60
µs
15 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com