Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM75_V01 Datasheet HTML 1Page - Maxim Integrated Products LM75_V01 Datasheet HTML 2Page - Maxim Integrated Products LM75_V01 Datasheet HTML 3Page - Maxim Integrated Products LM75_V01 Datasheet HTML 4Page - Maxim Integrated Products LM75_V01 Datasheet HTML 5Page - Maxim Integrated Products LM75_V01 Datasheet HTML 6Page - Maxim Integrated Products LM75_V01 Datasheet HTML 7Page - Maxim Integrated Products LM75_V01 Datasheet HTML 8Page - Maxim Integrated Products LM75_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The LM75 temperature sensor includes a delta-sigma
analog-to-digital converter, and a digital overtemperature
detector. The host can query the LM75 through its I2C
interface to read temperature at any time. The open-drain
overtemperature output (OS) sinks current when the
programmable temperature limit is exceeded. The OS
output operates in either of two modes, comparator or
interrupt. The host controls the temperature at which the
alarm is asserted (TOS) and the hysteresis temperature
below which the alarm condition is not valid (THYST). Also,
the LM75’s TOS and THYST registers can be read by the
host. The address of the LM75 is set with three pins to allow
multiple devices to work on the same bus. Power-up is in
comparator mode, with defaults of TOS = +80°C and THYST
= +75°C. The 3.0V to 5.5V supply voltage range, low supply
current, and I2C interface make the LM75 ideal for many
applications in thermal management and protection.
Applications
● Thermal System Management
● Thermal Protection
● Test Equipment
● Computers and Office Electronics
Features
● ISO (SOP) and μMAX® (μSOP) Packages
● I2C Bus Interface
● Separate Open-Drain OS Output Operates as
Interrupt or Comparator/Thermostat Input
● Register Readback Capability
● Power-Up Defaults Permit Stand-Alone Operation
as a Thermostat
● 3.0V to 5.5V Supply Voltage
● Low Operating Supply Current 250μA (typ), 1mA (max)
● 4μA (typ) Shutdown Mode Minimizes Power
Consumption
● Up to Eight LM75s Can Be Connected to a Single Bus
● Pin- and/or Register-Compatible with Improved-
Performance Maxim Sensors Including MAX7500,
MAX6625, MAX6626, DS75LV, and DS7505
μMAX is a registered trademark of Maxim Integrated Products, Inc.
Note: Devices are specified over the -55°C to +125°C temperature range and include I2C noise filter.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
19-4385; Rev 2; 11/21
PART
PIN-PACKAGE
PKG
SUPPLY VOLTAGE (V)
TOP MARK
LM75BIM-3+
8 SO (SOP)
Bulk
3.3
LM75BAIM-3
LM75BIMX-3+
8 SO (SOP)
T&R
3.3
LM75BAIM-3
LM75BIMM-3+
8 µMAX (µSOP)
Bulk
3.3
T01B
LM75BIMMX-3+
8 µMAX (µSOP)
T&R
3.3
T01B
LM75BIM-5+
8 SO (SOP)
Bulk
5.0
LM75BIM-5
LM75BIMX-5+
8 SO (SOP)
T&R
5.0
LM75BIM-5
LM75BIMM-5+
8 µMAX (µSOP)
Bulk
5.0
T00B
LM75BIMMX-5+
8 µMAX (FSOP)
T&R
5.0
T00B
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
LM75
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2021 Analog Devices, Inc. All rights reserved.
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click
here to ask an associate for production status of specific part numbers.
Functional Diagram
Pin Configuration
Ordering Information/Selector Guide
OS
SDA
SCL
A0
A1
A2
+VS = 3.0V to 5.5V
SILICON
BANDGAP
TEMPERATURE
SENSOR
9-BIT DELTA-
SIGMAADC
CONFIGURATION
REGISTER
TOS SET POINT
REGISTER
THYST SET
POINT REGISTER
SET POINT
COMPARATOR W/
HYSTERESIS
2-WIRE INTERFACE
POINTER
REGISTER
8
8
16
16
16
16
16
8
3
1
2
4
7
6
5
1
+
2
3
4
8
7
6
5
+VS
A0
A1
A2
GND
OS
SCL
SDA
LM75
µMAX (µSOP), SO
TOP VIEW


Similar Part No. - LM75_V01

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM750Z SEOUL-LM750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM751 SEOUL-LM751 Datasheet
360Kb / 13P
CYAN LAMP LED
LM751 SEOUL-LM751 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM75_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Texas Instruments
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com