Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FBTA-228-BPFB-R-8R Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FBTA-228-BPFB-R-8R
Description  Compact Fieldbus Power Hub Motherboard for Invensys FBM 228
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FBTA-228-BPFB-R-8R Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FBTA-228-BPFB-R-8R Datasheet HTML 1Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-8R Datasheet HTML 2Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-8R Datasheet HTML 3Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-8R Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
FBTA-228-BPFB-R-8R
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
General specifications
Design / Mounting
Motherboard based
Supply
Connection
redundant
Rated voltage
Ur
21.6 ... 25.2 V
Input for Power Hub selectable:
Option 1: from regular Foxboro power supplies
Option 2: one or two external bulk power supplies
Rated current
Ir
16 A
Power dissipation
typ. 0.4 W per segment
Fieldbus interface
Number of segments
Redundant
8
Host-side
redundant Invensys FBM 228
Main cable (Trunk)
Rated current
≤ 500 mA per segment
Terminating resistor
100 Ω integrated
Indicators/operating means
Fault signal
VFC alarm output via connectors
Galvanic isolation
Fieldbus segment/Fieldbus segment
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Fieldbus segment/Supply
functional insulation acc. to IEC 62103, rated insulation voltage 250 Veff
Directive conformity
Electromagnetic compatibility
Directive 2004/108/EC
EN 61326-1:2006
Standard conformity
Electromagnetic compatibility
NE 21:2006
Degree of protection
IEC 60529
Fieldbus standard
IEC 61158-2
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
< 95 % non-condensing
Shock resistance
10 g , 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Mechanical specifications
Housing material
Steel, coated
Housing width
278 mm
Housing height
253 mm
Housing depth
69 mm
Degree of protection
IP20
Mass
3200 g
Mounting
two DIN rails
International approvals
FM approval
FM certificate
FM 19 US 0015 X and FM 19 CA 0011 X
FM marking
AEx/Ex ec IIC T4
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals where applicable. For
information see www.pepperl-fuchs.com.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com