Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONSMA011-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA011-G
Description  SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA011-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA011-G Datasheet HTML 1Page - Linx Technologies CONSMA011-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.20
0.087
2.30
0.091
5.00
0.197
RECOMMENDED CABLE STRIPPING DIMENSIONS
CAN ALSO BE USED WITH:
RG-188A & RG-316
RG-174
CABLE
5
6
TABLE I
TABLE II
TABLE III
7
ASSEMBLY INSTRUCTIONS
Strip cable to recommended dimensions.
1.
Slip heat shrink and crimp ring onto stripped cable.
2.
Solder the socket to the center-conductor.
3.
Insert the socket, center-conductor and insulator into
4.
the body.
Wrap the braid around the tail of the body and crimp
5.
the ring with a 0.128" hex crimp tool (or one labeled for
use with RG-174 cable).
Use heat shrink to cover crimp.
6.
SHEET 2 OF 2
LDCFDAL_A
SCALE: 5:1
A
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
SEE SHEET 1 FOR REVISIONS
A
CONSMA011-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com