Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX2331LSLBX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2331LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLBX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2331LSLBX Datasheet HTML 1Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 2Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC
−0.3V to +6.5V
V
P
−0.3V to +6.5V
Voltage on Any Pin
with GND = 0V (V
I)
−0.3V to V
CC+0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 sec.)
(T
L)
+260˚C
Recommended Operating
Conditions
Power Supply Voltage
V
CC
2.7V to 5.5V
V
P
V
CC to +5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD
rating <2 keV and is ESD sensitive. Handling and assembly of this device
should only be done at ESD protected work stations.
Electrical Characteristics
V
CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC
Power
LMX2330L RF + IF
V
CC = 2.7V to 5.5V
5.0
6.6
Supply
LMX2330L RF Only
4.0
5.2
Current
LMX2331L RF + IF
4.0
5.4
LMX2331L RF Only
3.0
4.0
mA
LMX2332L IF + RF
3.0
4.1
LMX2332L RF Only
2.0
2.7
LMX233xL IF Only
1.0
1.4
I
CC-PWDN
Powerdown Current
(Note 3)
1
10
µA
f
IN RF
Operating
LMX2330L
0.5
2.5
Frequency
LMX2331L
0.2
2.0
GHz
LMX2332L
0.1
1.2
f
IN IF
Operating
LMX233xL
45
510
MHz
Frequency
f
OSC
Oscillator Frequency
5
40
MHz
fφ
Maximum Phase Detector
10
MHz
Frequency
Pf
IN RF
RF Input Sensitivity
V
CC = 3.0V
−15
0
dBm
V
CC = 5.0V
−10
0
dBm
Pf
IN IF
IF Input Sensitivity
V
CC = 2.7V to 5.5V
−10
0
dBm
V
OSC
Oscillator Sensitivity
OSC
in
0.5
V
PP
V
IH
High-Level Input Voltage
(Note 4)
0.8 V
CC
V
V
IL
Low-Level Input Voltage
(Note 4)
0.2 V
CC
V
I
IH
High-Level Input Current
V
IH =VCC = 5.5V (Note
4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 5.5V
(Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
V
OH
High-Level Output Voltage (for
F
oLD, pin number 10)
I
OH = −500 µA
V
CC − 0.4
V
V
OL
Low-Level Output Voltage (for
F
oLD, pin number 10)
I
OL = 500 µA
0.4
V
t
CS
Data to Clock Set Up Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com