Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCSESM043F1CS0 Datasheet(PDF) 2 Page - Schneider Electric

Part # TCSESM043F1CS0
Description  Ethernet TCP/IP managed switch - ConneXium - 3TX/1FX - single mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESM043F1CS0 Datasheet(HTML) 2 Page - Schneider Electric

  TCSESM043F1CS0 Datasheet HTML 1Page - Schneider Electric TCSESM043F1CS0 Datasheet HTML 2Page - Schneider Electric TCSESM043F1CS0 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Height
5.16 in (131 mm)
Depth
4.37 in (111 mm)
Product weight
0.88 lb(US) (0.4 kg)
Environment
Ambient air temperature for operation
32...140 °F (0...60 °C)
Relative humidity
10...95 % without condensation
IP degree of protection
IP20
Standards
EN/IEC 61131-2
UL 1604 Class 1 Division 2
UL 508
CSA C22.2 No 213 Class I Division 2
CSA C22.2 No 214
Product certifications
C-Tick
GL
Ordering and shipping details
Category
18225 - PLC NTWRK HRDWR & PROWORX SOFTWARE
Discount Schedule
PC41
GTIN
003595863892451
Nbr. of units in pkg.
1
Package weight(Lbs)
2.21
Returnability
N
Country of origin
DE
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0617  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Need no specific recycling operations
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov
Contractual warranty
Warranty period
18 months



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com