Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCSESM043F2CS0 Datasheet(PDF) 1 Page - Schneider Electric

Part # TCSESM043F2CS0
Description  Ethernet TCP/IP managed switch - ConneXium - 2TX/2FX - single mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESM043F2CS0 Datasheet(HTML) 1 Page - Schneider Electric

  TCSESM043F2CS0 Datasheet HTML 1Page - Schneider Electric TCSESM043F2CS0 Datasheet HTML 2Page - Schneider Electric TCSESM043F2CS0 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
TCSESM043F2CS0
Ethernet TCP/IP managed switch - ConneXium
- 2TX/2FX - single mode
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range of product
ConneXium
Product or component
type
Ethernet TCP/IP managed switch
Concept
Transparent Ready
Communication port
protocol
Ethernet TCP/IP
Port Ethernet
100BASE-FX - 2 port(s) fiber optic
10BASE-T/100BASE-TX - 2 port(s) copper cable
Maximum number of
switches in cascade
Unlimited
Complementary
Integrated connection type
Duplex SC fiber optic
Shielded RJ45 copper cable
Transmission support medium
Twisted shielded pairs cable CAT 5E copper cable
Single mode optical fiber fiber optic
Attenuation
16 dB 9/125 µm
Ethernet service
SNTP client
Data stream control
Secure port
FDR
Rapid Scanning Tree Protocol (RSTP)
VLAN
Configuration via web server
IGMP Snooping
SMTP V3
Multicast filtering
Priority port
Maximum number of switches in a ring
50
Redundancy
Redundant single ring
Redundant power supplies
Ring coupling
[Us] rated supply voltage
24 V
Supply voltage limits
18...30 V AC SELV
9.6...60 V DC SELV
Power consumption in W
7.7 W
Electrical connection
Removable connector 6 ways power supply
Mounting support
35 mm symmetrical DIN rail
Marking
CE
Local signalling
1 LED fault
2 LEDs P1 P2 power supplies
1 LED ring manager
1 LED stand-by
1 LED per channel copper port activity
1 LED per channel copper port status
Alarm output
1 voltfree contact 1 A
Alarm function
Redundancy ring fault
Power supply fault
Switch fault
Data link status
Ethernet cabling system
TF switches
Width
1.85 in (47 mm)


Similar Part No. - TCSESM043F2CS0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSESM043F1CS0 SCHNEIDER-TCSESM043F1CS0 Datasheet
112Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 3TX/1FX - single mode
Aug 11, 2019
More results

Similar Description - TCSESM043F2CS0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSESB083F23F0 SCHNEIDER-TCSESB083F23F0 Datasheet
104Kb / 3P
Ethernet TCP/IP basic managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
TCSESB093F2CU0 SCHNEIDER-TCSESB093F2CU0 Datasheet
105Kb / 3P
Ethernet TCP/IP basic managed switch - ConneXium - 6TX/3FX - multimode
Aug 10, 2019
TCSESM043F1CS0 SCHNEIDER-TCSESM043F1CS0 Datasheet
112Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 3TX/1FX - single mode
Aug 11, 2019
TCSESM083F1CS0 SCHNEIDER-TCSESM083F1CS0 Datasheet
117Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 7TX/1FX - single mode
Aug 10, 2019
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
TCSESM083F2CU0 SCHNEIDER-TCSESM083F2CU0 Datasheet
118Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 6TX/2FX - multimode
Aug 11, 2019
TCSESM103F23G0 SCHNEIDER-TCSESM103F23G0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper 2 for Gbit
Aug 11, 2019
TCSESM103F2LG0 SCHNEIDER-TCSESM103F2LG0 Datasheet
116Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports copper 2 for fiber optic
Aug 11, 2019
TCSESM163F2CS0 SCHNEIDER-TCSESM163F2CS0 Datasheet
146Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 14TX/2FX ??single mode
Aug 10, 2019
TCSESM163F2CU0 SCHNEIDER-TCSESM163F2CU0 Datasheet
149Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 14TX/2FX - multimode
Aug 11, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com