Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM221M16RG Datasheet(PDF) 3 Page - Schneider Electric

Part # TM221M16RG
Description  controller M221 16 IO relay spring
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM221M16RG Datasheet(HTML) 3 Page - Schneider Electric

  TM221M16RG Datasheet HTML 1Page - Schneider Electric TM221M16RG Datasheet HTML 2Page - Schneider Electric TM221M16RG Datasheet HTML 3Page - Schneider Electric TM221M16RG Datasheet HTML 4Page - Schneider Electric TM221M16RG Datasheet HTML 5Page - Schneider Electric TM221M16RG Datasheet HTML 6Page - Schneider Electric TM221M16RG Datasheet HTML 7Page - Schneider Electric TM221M16RG Datasheet HTML 8Page - Schneider Electric TM221M16RG Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical connection
Mini B USB 2.0 connector for a programming terminal
Terminal block, 3 terminal(s) for connecting the 24 V DC power supply
Connector, 4 terminal(s) for analogue inputs
Removable spring terminal block, 10 terminal(s) for inputs
Removable spring terminal block, 11 terminal(s) for outputs
Cable distance between devices
Shielded cable: 10 m for fast input
Unshielded cable: 30 m for output
Unshielded cable: 30 m for digital input
Unshielded cable: 1 m for analog input
Insulation
500 V AC between fast input and internal logic
Non-insulated between inputs
Non-insulated between analogue inputs
500 V AC between output and internal logic
500 V AC between input and internal logic
Non-insulated between analogue input and internal logic
500 V AC between output groups
Marking
CE
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
Plate or panel with fixing kit
Height
3.54 in (90 mm)
Depth
2.76 in (70 mm)
Width
2.76 in (70 mm)
Product weight
0.58 lb(US) (0.264 kg)
Environment
Standards
EN/IEC 60664-1
EN/IEC 61131-2
EN/IEC 61010-2-201
Product certifications
LR
CULus
RCM
ABS
EAC
CSA
DNV-GL
IACS E10
Environmental characteristic
Ordinary and hazardous location
Resistance to electrostatic discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic fields
9.14 V/yd (10 V/m) ( 80 MHz...1 GHz) conforming to EN/IEC 61000-4-3
2.74 V/yd (3 V/m) ( 1.4 GHz...2 GHz) conforming to EN/IEC 61000-4-3
1 V/m ( 2...2.7 GHz) conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m 50/60 Hz conforming to EN/IEC 61000-4-8
Resistance to fast transients
2 kV power lines conforming to EN/IEC 61000-4-4
2 kV relay output conforming to EN/IEC 61000-4-4
1 kV Ethernet line conforming to EN/IEC 61000-4-4
1 kV serial link conforming to EN/IEC 61000-4-4
1 kV I/O conforming to EN/IEC 61000-4-4
Surge withstand
2 kV power lines (AC) in common mode conforming to EN/IEC 61000-4-5
2 kV relay output in common mode conforming to EN/IEC 61000-4-5
1 kV I/O in common mode conforming to EN/IEC 61000-4-5
1 kV shielded cable in common mode conforming to EN/IEC 61000-4-5
0.5 kV power lines (DC) in differential mode conforming to EN/IEC 61000-4-5
1 kV power lines (AC) in differential mode conforming to EN/IEC 61000-4-5
1 kV relay output in differential mode conforming to EN/IEC 61000-4-5
0.5 kV power lines (DC) in common mode conforming to EN/IEC 61000-4-5
Resistance to conducted disturbances
10 Vrms (0.15...80 MHz) conforming to EN/IEC 61000-4-6
3 Vrms (0.1...80 MHz) conforming to Marine specification (LR, ABS, DNV, GL)
10 Vrms (spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz)) conform-
ing to Marine specification (LR, ABS, DNV, GL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com