Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML61C503TL Datasheet(PDF) 8 Page - Minilogic Device Corporation Limited

Part # ML61C503TL
Description  Series Positive Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61C503TL Datasheet(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML61C503TL Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 10Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 11Page - Minilogic Device Corporation Limited ML61C503TL Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ML61
4) N-ch Driver Output Current vs. VDS
ML61C272
0
1
2
3
4
5
6
7
8
00.5
11.5
2
2.5
3
VDS(V)
Topt = 25℃
VIN = 2.5V
VIN = 2.0V
VIN = 1.5V
ML61C182
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDS(V)
VIN = 1.5V
Topt = 25℃
5) N-ch Driver Output Current vs. Input Voltage
ML61C272
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
Input Voltage VIN(V)
VDS = 0.5V
Topr =80 C
Topr =25 C
Topr =-40 C
ML61C182
0
0.5
1
1.5
2
2.5
3
3.5
4
00.5
1
1.5
Input Voltage VIN(V)
2
VDS = 0.5V
Topr =80 C
Topr =25 C
Topr =-40 C
6) P-ch Driver Output Current vs. Input Voltage
ML61C272
0
1
2
3
4
5
6
7
8
9
0123
4567
Input Voltage VIN(V)
VDS = 2.0V
Topt = 25℃
VDS = 1.5V
VDS = 1.0V
VDS = 0.5V
ML61C182
0
1
2
3
4
5
6
7
8
9
01
23
4567
Input Voltage VIN(V)
VDS = 2.0V
Topt = 25℃
VDS = 1.5V
VDS = 1.0V
VDS = 0.5V
P8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com