Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CG6257AM Datasheet(PDF) 11 Page - Weida Semiconductor, Inc.

Part # CG6257AM
Description  4Mb (256K x 16) Pseudo Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6257AM Datasheet(HTML) 11 Page - Weida Semiconductor, Inc.

Back Button CG6257AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 9Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 10Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 11Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 12Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRELIMINARY
CG6257AM
38-XXXXX
Page - 11 - of 12
© Weida Semiconductor, Inc., 2002. The information contained herein is subject to change without notice. Weida Semiconductor assumes no responsibility for the use of any circuitry other than
circuitry embodied in a Weida Semiconductor product. Nor does it convey or imply any license under patent or other rights. Weida Semiconductor does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Weida Semiconductor products
in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Weida Semiconductor against all charges.
Package
MoBL and More Battery Life are trademarks of Cypress Semiconductor Corporation. All product and company names mentioned
in this document may be the trademarks of their respective holders
H
B
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
C
D
E
3.75
1
2
3
4
5
6
A
G
F
6.00±0.10
A
6.00±0.10
B
1.875
REFERENCE JEDEC MO-207
6
12
4
35
H
E
G
F
D
C
B
A
48-Ball (6 mm x 8mm x 1.2 mm) FBGA BA48K
51-85193-*A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com