Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2402991 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2402991
Description  LED light - PLD T/1AC/AS/1CON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2402991 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2402991 Datasheet HTML 1Page - PHOENIX CONTACT 2402991 Datasheet HTML 2Page - PHOENIX CONTACT 2402991 Datasheet HTML 3Page - PHOENIX CONTACT 2402991 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2402991
09/12/2020   Page 2 / 4
LED light - PLD T/1AC/AS/1CON - 2402991
Technical data
General
Mounting type
Wall mounting
Color
gray/white
Net weight
687 g
Mounting type
Screw mounting
Assembly instructions
Mounting with mounting holders or mounting brackets, please observe
the notes in the package slip.
Mounting position
any
Power supply for module electronics
Connection technology
QUICKON connection
Connection method
QUICKON fast connection
Number of positions
3
Supply voltage
230 V AC
Supply voltage range
100 V AC ... 250 V AC (50/60 Hz)
Current consumption
typ. 42 mA (for 230 V AC)
Power consumption
approx. 10 W (for 230 V AC)
Light properties
Source of light type
LED
Number of LEDs
24
Service life, lighting appliance
50,000 h (L70)
Light color
Neutral white
Color temperature / wavelength
5000 K
Color rendering index
70
Luminous flux
1100 lm (Gross)
Standards and Regulations
Mechanical tests
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6 4g
Shock in acc. with EN 60068-2-27/IEC 60068-2-27 50g
Protection class
II
Overvoltage category
III
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
27110635
eCl@ss 5.0
27110600
eCl@ss 5.1
27110600
eCl@ss 6.0
27110600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com