Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCMB2016R4X Datasheet(PDF) 4 Page - Weida Semiconductor, Inc.

Part # WCMB2016R4X
Description  128K x 16 Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMB2016R4X Datasheet(HTML) 4 Page - Weida Semiconductor, Inc.

  WCMB2016R4X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
WCMB2016R4X
Notes:
6.
Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
7.
BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
AC Test Loads and Waveforms
VCC Typ
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Rise Time:
1 V/ns
Fall Time:
1 V/ns
Parameters
1.8V
UNIT
R1
13500
Ohms
R2
10800
Ohms
RTH
6000
Ohms
VTH
0.80
Volts
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1.0
1.95
V
ICCDR
Data Retention Current
VCC = 1.0V
CE > VCC − 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
0.5
5
µA
tCDR
[5]
Chip Deselect to Data
Retention Time
0
ns
tR
[6]
Operation Recovery Time
tRC
ns
Data Retention Waveform[7]
VCC(min.)
VCC(min.)
tCDR
VDR > 1.0 V
DATA RETENTION MODE
tR
CE or
VCC
BHE.BLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com