Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDEV-FFF-DT Datasheet(PDF) 17 Page - Linx Technologies

Part # MDEV-FFF-DT
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Datasheet(HTML) 17 Page - Linx Technologies

Back Button MDEV-FFF-DT Datasheet HTML 11Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 12Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 13Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 14Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 15Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 16Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 17Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 18Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 19Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
–
–
–
–
28
29
GND
+
C8
100uF
VCC
GND
Vin
1
Vout
3
U4
LM3940IMP 3.3V
C9
0.47uF
GND
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
U3
TPS2552
GND
5VUSB
GND
R11
53.6k
nPWREN
USB AREA
POWER SUPPLY AREA
RF MODULE CARRIER AREA
SIGNAL ROUTING
U8
VDC
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
PIC16F1825-I/ST
VCC
GND
PGM
CSB
RS
SI
SCL
RST
PGC
PGD
R42 DNP
VCCP
VCC
RS
SI
SCL
RST
CSB
VCC
GND
GND
C13
1uF
GND
C14
1uF
C1-
2
C1+
3
VOUT
4
VCC
5
GND
6
SI
7
SCL
8
CSB
9
RS
10
LED+
1
LED-
12
RST
11
LCD1
2x16 LCD
R6
0 Ohm
MICROCONTROLLER AREA
D2
D1
R5
330 ohm
VCC
R17
10k
GND
NC
1
IN
2
GND
3
OUT
4
VCC
5
U5
VCC
GND
R49 0 ohm
Buffer Bypass DNP
RTS
nCMD
CMD_DATA_OUT
RXD
NC
1
IN
2
GND
3
OUT
4
VCC
5
U1
VCC
GND
R46
10k
VCC
R48 0 ohm
CMD_DATA_IN
TXD
Buffer Bypass DNP
GND
R8
330 ohm
D4
R24
10k
S2
VCC
PAIR
GND
R41
0 ohm
R40
0 ohm
VCC
GND
SW1
LADJ
R36
DNP
R23
DNP
GPIO1
RXD
GND
nPDN
Figure 36: Programming Dock Board Microcontroller Area Schematic
GND
GND
C7
10uF
THERM
U5
THERM
RF
23
45
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
J2
Carrier Interconnect Female
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
7
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
X1
0 Ohm
6
X3
DNP
GND
GND
X2
DNP
GND
R24
330
5VUSB
D2
D3
R22
330
VCC
FAULT
U2
R5
10k
GND
5VUSB
GND
C8
0.47uF
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
TPS2553
SW3
5VUSB
EN
FAULT
GND
1
2
J3
100mil Header
Battery Input
D1
GND
R7
53.6k
R9
53.6k
GND
Q1
R3
10k
BCD Charger
VCC
+
GND
GND
C1
4.7uF
C3
0.01uF
L1
600R/1.3A
GND
C5
47pF
R4
0
C2
0.1uF
3V3OUT
10
USBDM
9
USBDP
8
RESET
11
TXD 1
RXD 4
RTS 2
CTS 6
CBUS0 15
CBUS1 14
CBUS2 7
CBUS3 16
U6
FT230X
C4
47pF
C6
0.1uF
GND
5V
1
DAT-
2
DAT+
3
NC
4
GND
5
J1 Micro USB
RTS
CTS
R1
27
R2
27
5VUSB
EN
BCD Charger
TXD
RXD
SW1
SW2
9
15
CMD_DATA_IN
CMD_DATA_OUT
NC
1
IN
2
GND
3
OUT 4
VCC 5
U3
VCC
GND
R25
DNP
VCC
R27 DNP
NC
1
IN
2
GND 3
OUT
4
VCC
5
U4
R33
DNP
GND
VCC
R36 DNP
PROTOTYPE
AREA
GND BUS
VCC BUS
1
TP3
1
TP2
GND
GND
TP1
VCC
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
38
37
36
35
29
30
31
32
33
34
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
J6
100mil Header
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
J5
100mil Header
GND
VCC
R10 DNP
VCC
1
2
3
4
5
6
7
8
9
10
11
J7
100mil Header
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J4
100mil Header
R45DNP GND
R44DNP
R43DNP
R42DNP
R41DNP
R40DNP
R39DNP
R38DNP
GND
GND
GND
GND
GND
GND
GND
GND
R52DNP
R53DNP GND
R19 DNP
GND
VCC
R11 DNP
GND
R50DNP GND
R14 DNP
GND
R17 0 ohm
VCC
R12 DNP
GND
R26 DNP
R23 DNP
GND
R21 DNP
GND
R47DNP GND
R48DNP GND
R49DNP GND
R15
DNP
VCC
R18
DNP
GND
R13 DNP
R8 DNP
R16 DNP
GND
R20 DNP
GND
R28 DNP
GND
R29 DNP
VCC
R30 DNP
GND
R31 DNP
GND
R32DNP GND
R34DNP GND
R35DNP GND
R54DNP GND
R55DNP GND
R56DNP VCC
C9
0.1uF
GND
VCC
6
R6 DNP
Figure 37: Prototype Board Power Supply Area Schematic
GND
GND
C7
10uF
THERM
U5
THERM
RF
23
45
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
J2
Carrier Interconnect Female
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
7
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
X1
0 Ohm
6
X3
DNP
GND
GND
X2
DNP
GND
R24
330
5VUSB
D2
D3
R22
330
VCC
FAULT
U2
R5
10k
GND
5VUSB
GND
C8
0.47uF
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
TPS2553
SW3
5VUSB
EN
FAULT
GND
1
2
J3
100mil Header
Battery Input
D1
GND
R7
53.6k
R9
53.6k
GND
Q1
R3
10k
BCD Charger
VCC
+
GND
GND
C1
4.7uF
C3
0.01uF
L1
600R/1.3A
GND
C5
47pF
R4
0
C2
0.1uF
3V3OUT
10
USBDM
9
USBDP
8
RESET
11
TXD 1
RXD 4
RTS 2
CTS 6
CBUS0 15
CBUS1 14
CBUS2 7
CBUS3 16
U6
FT230X
C4
47pF
C6
0.1uF
GND
5V
1
DAT-
2
DAT+
3
NC
4
GND
5
J1 Micro USB
RTS
CTS
R1
27
R2
27
5VUSB
EN
BCD Charger
TXD
RXD
SW1
SW2
9
15
CMD_DATA_IN
CMD_DATA_OUT
NC
1
IN
2
GND
3
OUT 4
VCC 5
U3
VCC
GND
R25
DNP
VCC
R27 DNP
NC
1
IN
2
GND 3
OUT
4
VCC
5
U4
R33
DNP
GND
VCC
R36 DNP
PROTOTYPE
AREA
GND BUS
VCC BUS
1
TP3
1
TP2
GND
GND
TP1
VCC
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
38
37
36
35
29
30
31
32
33
34
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
J6
100mil Header
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
J5
100mil Header
GND
VCC
R10 DNP
VCC
1
2
3
4
5
6
7
8
9
10
11
J7
100mil Header
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J4
100mil Header
R45DNP GND
R44DNP
R43DNP
R42DNP
R41DNP
R40DNP
R39DNP
R38DNP
GND
GND
GND
GND
GND
GND
GND
GND
R52DNP
R53DNP GND
R19 DNP
GND
VCC
R11 DNP
GND
R50DNP GND
R14 DNP
GND
R17 0 ohm
VCC
R12 DNP
GND
R26 DNP
R23 DNP
GND
R21 DNP
GND
R47DNP GND
R48DNP GND
R49DNP GND
R15
DNP
VCC
R18
DNP
GND
R13 DNP
R8 DNP
R16 DNP
GND
R20 DNP
GND
R28 DNP
GND
R29 DNP
VCC
R30 DNP
GND
R31 DNP
GND
R32DNP GND
R34DNP GND
R35DNP GND
R54DNP GND
R55DNP GND
R56DNP VCC
C9
0.1uF
GND
VCC
6
R6 DNP
Figure 38: Prototype Board RF Carrier Area Schematic
Prototype Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com