Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDEV-LICAL-HS Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-LICAL-HS
Description  HS Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-LICAL-HS Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-LICAL-HS Datasheet HTML 1Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 2Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 3Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 4Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 5Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 6Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 7Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 8Page - Linx Technologies MDEV-LICAL-HS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–
–
1
Introduction
The HS Series encoders and decoders are ideal for remote control and
command, security, keyless entry, status monitoring, and a host of similar
applications. They encode the status of eight buttons into a highly secure
serial output for transmission via a wireless link. The Master Development
System gives a designer all the tools necessary to incorporate the encoder
and decoder into a product. This guide shows how to take full advantage
of the development boards included with the system. The Master
Development System serves several important functions:
• Rapid Evaluation: It allows the performance and features of the HS
Series encoder and decoder to be quickly evaluated.
• Design: It shows how to design with the HS Series and how to
interface with other components. It also demonstrates the overall
system function, making it easy to develop the initial system design.
• Prototype Development: It allows for additional circuitry to be placed
directly on the board so that it can act as the first prototype of the
product. All of the signals are available on a wire-wrap header for easy
connection to external circuitry.
This kit includes 2 development boards, 2 HS Series encoders*, 2 HS
Series decoders*, and two CW Series antennas, 1 LR or ES Series
transmitter, 1 LR or ES Series receiver, full documentation and batteries.
The decoder board is populated with 1 QS Series USB module.
*One part is soldered to the board, one extra is for use on your first prototype board.
HS Series Master Development System
User's Guide
Revised 3/18/2015
Figure 1: HS Series Master Development System



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com