Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWG-11063 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # SWG-11063
Description  SFE Project Notebook - 10 x 7.5 (Black, Grey Pages)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SWG-11063 Datasheet(HTML) 1 Page - SparkFun Electronics

  SWG-11063 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
SFE Project Notebook - 10" x 7.5" (Black, Grey
Pages)
SWG-11063
After using a lot of different journals, we decided to create the one that we wanted to use. 52 pages
thin, matte black flexible cover, with 1/8" grid on every page. It’s light weight, easy to pack, and has
just enough pages to record all those crazy ideas. Also, we’ve altered the pages slightly, the grid is
now white on grey.
These really are great notebooks, we use them constantly at the office. They’re flexible enough to
stuff in your backpack but rigid enough not to get torn apart in travel.
I’m not sure about you, but we like to travel incognito. The black color is pretty sleek and avoids
attention, but there is an embossed SparkFun logo on the front cover in case anyone looks closely
                                                   https://www.sparkfun.com/products/11063 9‐14‐17 


Similar Part No. - SWG-11063

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SWG-11064 SPARKFUN-SWG-11064 Datasheet
114Kb / 2P
SFE Project Notebook - 10 x 7.5 (Red, Grey Pages)
9??8??7
More results

Similar Description - SWG-11063

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
Engineering Project Manager
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
Engineering Project Manager
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
Engineering Project Manager
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
Engineering Project Manager
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
Fog Project
logo
Energizer
TUF4AAPE ENERGIZER-TUF4AAPE Datasheet
306Kb / 1P
LED Project Light
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
LED Project Light
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
logo
Eaton All Rights Reserv...
HRJ EATON-HRJ Datasheet
742Kb / 1P
1/4" x various length and SFE in-line fuse holder
logo
SparkFun Electronics
SWG-11064 SPARKFUN-SWG-11064 Datasheet
114Kb / 2P
SFE Project Notebook - 10 x 7.5 (Red, Grey Pages)
9??8??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com