Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC799LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC799LP3E
Description  DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC799LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC799LP3E Datasheet HTML 1Page - Analog Devices HMC799LP3E Datasheet HTML 2Page - Analog Devices HMC799LP3E Datasheet HTML 3Page - Analog Devices HMC799LP3E Datasheet HTML 4Page - Analog Devices HMC799LP3E Datasheet HTML 5Page - Analog Devices HMC799LP3E Datasheet HTML 6Page - Analog Devices HMC799LP3E Datasheet HTML 7Page - Analog Devices HMC799LP3E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 2
HMC799LP3E
v01.1009
DC - 700 MHz, 10 kOhm
TRANSIMPEDANCE AMPLIFIER
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Referred RMS Current Noise
Cpd [1] <1pF, @ 700 MHz BW
149
nA RMS
Cpd [1] = 1pF, @630 MHz BW
164
nA RMS
Cpd [1] = 2pF, @ 560 MHz BW
174
nA RMS
Cpd [1] = 3pF, @ 420 MHz BW
132
nA RMS
Saturated Output Swing
Vin = 50mV p-p
1
Vp-p
Output Power 1-dB Compression
OP1dB @ 200 MHz
4
dBm
Output Third Order Intercept Point
OIP3 @ 200 MHz
13
dBm
Input Overdrive Current
20
mA
Output Return Loss
@ 500 MHz
16
20
dB
Electrical Specifications (Conditions)
Gain vs. Temperature
Output Return Loss vs. Temperature
0
10
20
30
40
50
0
100
200
300
400
500
600
700
800
+25C
+85C
-40C
FREQUENCY (MHz)
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
600
700
800
+25C
+85C
-40C
FREQUENCY (MHz)
Input Referred Noise Density vs. C
PD
[1]
Input Referred Noise Density vs.
Temperature [2]
[1] Cpd is the total parasitic capacitance value resulting from the addition of the input photo diode. This value includes photo diode parasitic
capacitance, PCB trace capacitance and package parasitic capacitance.
[2] Cpd = 1 pF
0
5
10
15
20
0
100
200
300
400
500
600
700
800
+25C
+85C
-40C
FREQUENCY (MHz)
0
5
10
15
20
0
100
200
300
400
500
600
700
800
C
pd
=0pF
C
pd
=1pF
C
pd
=2pF
C
pd
=3pF
FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com