Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDEV-869-ES-USB Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-869-ES-USB
Description  ES Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-869-ES-USB Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-869-ES-USB Datasheet HTML 3Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 4Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 5Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 6Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 7Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 8Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 9Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 10Page - Linx Technologies MDEV-869-ES-USB Datasheet HTML 11Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
–
–
–
–
14
15
Header Section Schematic
Figure 13: Header Section Schematic
RX DATA
AUDIO
RSSI
RX PDN
RX RS232 SQ
RX DEC
AUDIO REF
1
2
3
4
5
6
7
8
9
TS2
CON9
GND
TX = NS
RX RS232 SQ
R26
10K
R25
10K
R23
10K
R24
2M
AUDIO REF
AUDIO
VCC
VCC
R19
39K
R20
2M
R18
10K
R21
39K
C2
0.01uF
VCC
GND
GND
GND
GND
RSSI
R22
390K
R17
5K
OUTA
1
INA-
2
INA+
3
GND
4
INB+
5
INB-
6
OUTB
7
VCC
8
U6
LMV393
R28
0
R27
0
TX = NS
VCC
GND
GND
GND
GND
TX RS232
RX RS232 SQ
GND
1
NC
2
NC
3
NC
4
VCC
5
NC
6
NC
7
GND
8
GND
9
DTR/PDN
10
RTS/TRSEL
11
TX DATA
12
RX DATA
13
NC
14
NC
15
GND
16
J3
HOST MODULE
PDN RS232
TX DATA
TX PDN
TX RS232
/CLK
TX ENC
/CLK SEL
GND
LO V DET
RX = NS
PDN RS232
PDN ENC
1
2
3
4
5
6
7
8
9
10
11
TS1
CON11
RX PDN
RSSI
RX DATA
AUDIO
AUDIO REF
VCC
GND
GND
ANT
1
GND
2
NC
3
GND
4
VCC
5
NC
6
NC
7
NC
8
NC
9
A REF
10
AUDIO
11
DATA
12
RSSI
13
PDN
14
NC
15
NC
16
U3
RXM-XXX-ES
TX = NS
TX PDN
TX DATA
LO V DET
/CLK SEL
/CLK
GND
GND
R14
220 ohm
VCC
PDN
1
LADJ
2
VCC
3
GND
4
DATA
5
/CLK
6
/CLK SEL
7
LO_V_D
8
GND
9
ANT
10
U2
TXM-XXX-ES
R29
22K
GND
RX = NS
GND
GND
ANT1
CONREVSMA001
RF SECTION
ENCODER/DECODER SECTION
Host Interface Header
Proto Signal Header
B1
9V BATTERY
GND
SW1
POWER SWITCH
GND
+ C1
220uF
GND
VCC
D11
DIODE400
J1
PWRJACK
GND
Vin
1
Vout
3
U1
LM7805 5V REGULATOR
POWER SUPPLY SECTION
HEADER SECTION
SQUELCH CIRCUIT
Squelch Circuit Schematic
Figure 14: Squelch Circuit Schematic
RX DATA
AUDIO
RSSI
RX PDN
RX RS232 SQ
RX DEC
AUDIO REF
1
2
3
4
5
6
7
8
9
TS2
CON9
GND
TX = NS
RX RS232 SQ
R26
10K
R25
10K
R23
10K
R24
2M
AUDIO REF
AUDIO
VCC
VCC
R19
39K
R20
2M
R18
10K
R21
39K
C2
0.01uF
VCC
GND
GND
GND
GND
RSSI
R22
390K
R17
5K
OUTA
1
INA-
2
INA+
3
GND
4
INB+
5
INB-
6
OUTB
7
VCC
8
U6
LMV393
R28
0
R27
0
TX = NS
VCC
GND
GND
GND
GND
TX RS232
RX RS232 SQ
GND
1
NC
2
NC
3
NC
4
VCC
5
NC
6
NC
7
GND
8
GND
9
DTR/PDN
10
RTS/TRSEL
11
TX DATA
12
RX DATA
13
NC
14
NC
15
GND
16
J3
HOST MODULE
PDN RS232
TX DATA
TX PDN
TX RS232
/CLK
TX ENC
/CLK SEL
GND
LO V DET
RX = NS
PDN RS232
PDN ENC
1
2
3
4
5
6
7
8
9
10
11
TS1
CON11
RX PDN
RSSI
RX DATA
AUDIO
AUDIO REF
VCC
GND
GND
ANT
1
GND
2
NC
3
GND
4
VCC
5
NC
6
NC
7
NC
8
NC
9
A REF
10
AUDIO
11
DATA
12
RSSI
13
PDN
14
NC
15
NC
16
U3
RXM-XXX-ES
TX = NS
TX PDN
TX DATA
LO V DET
/CLK SEL
/CLK
GND
GND
R14
220 ohm
VCC
PDN
1
LADJ
2
VCC
3
GND
4
DATA
5
/CLK
6
/CLK SEL
7
LO_V_D
8
GND
9
ANT
10
U2
TXM-XXX-ES
R29
22K
GND
RX = NS
GND
GND
ANT1
CONREVSMA001
RF SECTION
ENCODER/DECODER SECTION
Host Interface Header
Proto Signal Header
B1
9V BATTERY
GND
SW1
POWER SWITCH
GND
+ C1
220uF
GND
VCC
D11
DIODE400
J1
PWRJACK
GND
Vin
1
Vout
3
U1
LM7805 5V REGULATOR
POWER SUPPLY SECTION
HEADER SECTION
SQUELCH CIRCUIT
Power Supply Section Schematic
Figure 15: Power Supply Section Schematic
RX DATA
AUDIO
RSSI
RX PDN
RX RS232 SQ
RX DEC
AUDIO REF
1
2
3
4
5
6
7
8
9
TS2
CON9
GND
TX = NS
RX RS232 SQ
R26
10K
R25
10K
R23
10K
R24
2M
AUDIO REF
AUDIO
VCC
VCC
R19
39K
R20
2M
R18
10K
R21
39K
C2
0.01uF
VCC
GND
GND
GND
GND
RSSI
R22
390K
R17
5K
OUTA
1
INA-
2
INA+
3
GND
4
INB+
5
INB-
6
OUTB
7
VCC
8
U6
LMV393
R28
0
R27
0
TX = NS
VCC
GND
GND
GND
GND
TX RS232
RX RS232 SQ
GND
1
NC
2
NC
3
NC
4
VCC
5
NC
6
NC
7
GND
8
GND
9
DTR/PDN
10
RTS/TRSEL
11
TX DATA
12
RX DATA
13
NC
14
NC
15
GND
16
J3
HOST MODULE
PDN RS232
TX DATA
TX PDN
TX RS232
/CLK
TX ENC
/CLK SEL
GND
LO V DET
RX = NS
PDN RS232
PDN ENC
1
2
3
4
5
6
7
8
9
10
11
TS1
CON11
RX PDN
RSSI
RX DATA
AUDIO
AUDIO REF
VCC
GND
GND
ANT
1
GND
2
NC
3
GND
4
VCC
5
NC
6
NC
7
NC
8
NC
9
A REF
10
AUDIO
11
DATA
12
RSSI
13
PDN
14
NC
15
NC
16
U3
RXM-XXX-ES
TX = NS
TX PDN
TX DATA
LO V DET
/CLK SEL
/CLK
GND
GND
R14
220 ohm
VCC
PDN
1
LADJ
2
VCC
3
GND
4
DATA
5
/CLK
6
/CLK SEL
7
LO_V_D
8
GND
9
ANT
10
U2
TXM-XXX-ES
R29
22K
GND
RX = NS
GND
GND
ANT1
CONREVSMA001
RF SECTION
ENCODER/DECODER SECTION
Host Interface Header
Proto Signal Header
B1
9V BATTERY
GND
SW1
POWER SWITCH
GND
+ C1
220uF
GND
VCC
D11
DIODE400
J1
PWRJACK
GND
Vin
1
Vout
3
U1
LM7805 5V REGULATOR
POWER SUPPLY SECTION
HEADER SECTION
SQUELCH CIRCUIT
RX DATA
AUDIO
RSSI
RX PDN
RX RS232 SQ
RX DEC
AUDIO REF
1
2
3
4
5
6
7
8
9
TS2
CON9
GND
TX = NS
RX RS232 SQ
R26
10K
R25
10K
R23
10K
R24
2M
AUDIO REF
AUDIO
VCC
VCC
R19
39K
R20
2M
R18
10K
R21
39K
C2
0.01uF
VCC
GND
GND
GND
GND
RSSI
R22
390K
R17
5K
OUTA
1
INA-
2
INA+
3
GND
4
INB+
5
INB-
6
OUTB
7
VCC
8
U6
LMV393
R28
0
R27
0
TX = NS
VCC
GND
GND
GND
GND
TX RS232
RX RS232 SQ
GND
1
NC
2
NC
3
NC
4
VCC
5
NC
6
NC
7
GND
8
GND
9
DTR/PDN
10
RTS/TRSEL
11
TX DATA
12
RX DATA
13
NC
14
NC
15
GND
16
J3
HOST MODULE
PDN RS232
TX DATA
TX PDN
TX RS232
/CLK
TX ENC
/CLK SEL
GND
LO V DET
RX = NS
PDN RS232
PDN ENC
1
2
3
4
5
6
7
8
9
10
11
TS1
CON11
RX PDN
RSSI
RX DATA
AUDIO
AUDIO REF
VCC
GND
GND
ANT
1
GND
2
NC
3
GND
4
VCC
5
NC
6
NC
7
NC
8
NC
9
A REF
10
AUDIO
11
DATA
12
RSSI
13
PDN
14
NC
15
NC
16
U3
RXM-XXX-ES
TX = NS
TX PDN
TX DATA
LO V DET
/CLK SEL
/CLK
GND
GND
R14
220 ohm
VCC
PDN
1
LADJ
2
VCC
3
GND
4
DATA
5
/CLK
6
/CLK SEL
7
LO_V_D
8
GND
9
ANT
10
U2
TXM-XXX-ES
R29
22K
GND
RX = NS
GND
GND
ANT1
CONREVSMA001
RF SECTION
ENCODER/DECODER SECTION
Host Interface Header
Proto Signal Header
B1
9V BATTERY
GND
SW1
POWER SWITCH
GND
+ C1
220uF
GND
VCC
D11
DIODE400
J1
PWRJACK
GND
Vin
1
Vout
3
U1
LM7805 5V REGULATOR
POWER SUPPLY SECTION
HEADER SECTION
SQUELCH CIRCUIT
Encoder/Decoder Section Schematic
Figure 16: Encoder/Decoder Section Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com