Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDEV-FFF-RC Datasheet(PDF) 11 Page - Linx Technologies

Part # MDEV-FFF-RC
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-RC Datasheet(HTML) 11 Page - Linx Technologies

Back Button MDEV-FFF-RC Datasheet HTML 7Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 8Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 9Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 10Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 11Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 12Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 13Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 14Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 15Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
16
17
The Advanced Configuration tab (Figure 16) offers more detailed
configuration options for the active module.
1. The Local Address box shows the module’s local address in
hexadecimal format. This can be changed by typing a new hex value.
2. The Status Line Mask sets the status lines as either inputs or outputs.
If the box is checked then the line is an input.
3. The Latch Mask determines if the status line outputs are latched or
momentary. If the box is checked then the output is latched. This
setting has no effect on lines that are configured as inputs.
4. The Paired Modules Window lists all of the modules that are paired
with the active module and their Permissions Mask.
5. The Address box enables manual pairing of a module. Enter an
address into this box and press the Set Module button to add the
address to the list.
6. The Permissions Mask determines whether a specific module is
authorized to control a specific status line output. If the box is checked
then the module is authorized to control that line.
Figure 16: The Master Development System Software Advanced Configuration Tab
7
4
1
2
3
10
6
8
11
5
9
12
13
14
16
17
18
15
19
20
7. The Set Module button adds the address and Permissions Mask to
the list. If a current module is selected, then the Permissions can be
updated. The Remove module button removes the selected module
from the list. The Remove All Modules button removes all of the
modules from the list.
8. The Interrupt Mask sets the conditions under which an interrupt is to
be generated on the CMD_DATA_OUT line. The Message Select menu
sets the type of message that triggers the interrupt when the Selected
Message Ready box is checked.
9. The TX Power Level Source configures how the transmitter output
power is set. It uses either the voltage on the LVL_ADJ line or the value
in the box. The accepted range of values is -20 to +12.
10. The Transmitter Mode selection sets whether the module transmits
command messages when a status line input is asserted or when it
receives a software command.
11. The Receiver Mode selection turns the receiver on or off for power
savings. If the module is set as an Initiating Unit only with all status lines
as inputs, then the receiver is disabled by default.
12. The Status Line Direction selection sets how the status lines are
configured as inputs and outputs. Either the C0 and C1 hardware lines
are used to set them in groups of 4 or the Status Line Mask is used to
set them individually.
13. The Latch Status Outputs selection configures how the latched or
momentary operation for each status line output is set. Either the
LATCH_EN hardware line is used to set all of the lines the same way or
the Latch Mask is used to set the lines individually.
14. If the Respond to Request Remote Sample is enabled, the module
automatically responds to the request with a packet than contains the
values determined by the MType field in the received packet.
15. The Custom Data box enables a custom 2-byte value to be loaded
into the module to be transmitted with each control message or
Acknowledge with Data packet.
16. The Duty Cycle configuration sets the interval and Keep on times for
automatically cycling power to the receiver.
17. The Module Identity box displays the module type, firmware version
and serial number of the active module.
18. The Read All button reads all of the current configurations from the
active module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com