Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTSM9100LB-AR Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTSM9100LB-AR
Description  Marktech 0603 SMT LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM9100LB-AR Datasheet(HTML) 2 Page - Marktech Corporate

  MTSM9100LB-AR Datasheet HTML 1Page - Marktech Corporate MTSM9100LB-AR Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marktech 0603 SMT LEDs
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
MTSM9100LB−AR
660
GaAlAs
140
o
−
45.00
−
20mA
−
1.95
2.70
20mA
10
5V
MTSM9100LB−G
570
GaP
140
o
−
9.00
−
20mA
−
2.25
2.70
20mA
10
5V
MTSM9100LB−UA
621
InGaAlP
140
o
−
80.00
−
20mA
−
2.10
2.60
20mA
10
5V
MTSM9100LB−UG
574
InGaAlP
140
o
−
40.00
−
20mA
−
2.20
2.70
20mA
10
5V
MTSM9100LB−UO
636
InGaAlP
140
o
−
70.00
−
20mA
−
2.10
2.60
20mA
10
5V
MTSM9100LB−UR
644
InGaAlP
140
o
−
80.00
−
20mA
−
2.10
2.60
20mA
10
5V
MTSM9100LB−UY
590
InGaAlP
140
o
−
70.00
−
20mA
−
2.10
2.60
20mA
10
5V
MTSM9100LB−Y
585
GaAsP
140
o
−
6.00
−
20mA
−
2.15
2.70
20mA
10
5V
−
nm
−
deg
mcd
−
V
−
A
−
Specification is subject to change without notice.
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com