Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6219R Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6219R
Description  STEPPER MOTOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R Datasheet(HTML) 3 Page - STMicroelectronics

  L6219R Datasheet HTML 1Page - STMicroelectronics L6219R Datasheet HTML 2Page - STMicroelectronics L6219R Datasheet HTML 3Page - STMicroelectronics L6219R Datasheet HTML 4Page - STMicroelectronics L6219R Datasheet HTML 5Page - STMicroelectronics L6219R Datasheet HTML 6Page - STMicroelectronics L6219R Datasheet HTML 7Page - STMicroelectronics L6219R Datasheet HTML 8Page - STMicroelectronics L6219R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
L6219R
Table 3. Absolute Maximum Ratings
Table 4. Thermal Data
(*) With minimized copper area.
.
Symbol
Parameter
Value
Unit
VS
Supply Voltage
30
V
Io
Output Current (peak)
±1
A
Io
Output Current (continuous)
±0.3
A
VSS
Logic Supply Voltage
7
V
VIN
Logic Input Voltage Range
-0.3 to VSS
V
Vsense
Sense Output Voltage
1.5
V
TJ
Junction Temperature
+150
°C
Top
Operating Temperature Range
-20 to +85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Symbol
Description
Value
Unit
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max.
Thermal Resistance Junction-ambient
Max.
18
75 (*)
°C/W
°C/W
Table 5. Electrical Characteristics
(Tj = 25°C, VS = 4.5V, VSS = 4.75V to 5.25V, VREF = 2V; unless otherwise specified) See fig. 6
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUTPUT DRIVERS (OUTA or OUTB)
VS
Motor Supply Range
4.5
10
V
ICEX
Output Leakage Current *)
Vs = 30V; VOUT = Vs;
Vs = 30V; VOUT = 0
-
-50
<1
<-1
50
µA
µA
VCE(sat)
Output Saturation Voltage
Sink Driver, IOUT= +300mA
Sink Driver, IOUT = +500mA
Source Driver, IOUT = -300mA
Source Driver, IOUT = -500mA
-
-
-
-
0.3
0.7
1.1
1.3
0.6
1
1.4
1.6
V
V
V
V
VF
Clamp Diode Forward Voltage
Sink Diode
Source Diode IF = 500mA
1
1
1.5
1.5
V
V
IS(on)
Driver Supply Current
Both Bridges ON, No Load
Vs = 10V
-8
15
mA
IS(off)
Driver Supply Current
Both Bridges OFF; Vs = 10V
-
6
10
mA
CONTROL LOGIC
VIN(H)
Input Voltage
All Inputs
2.4
-
-
V
VIN(L)
Input Voltage
All Inputs
-
-
0.8
V
IIN(H)
Input Current
VIN = 2.4V
-
<1
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com