Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3013EUP Datasheet(PDF) 3 Page - STMicroelectronics

Part # MAX3013EUP
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013EUP Datasheet(HTML) 3 Page - STMicroelectronics

  MAX3013EUP Datasheet HTML 1Page - STMicroelectronics MAX3013EUP Datasheet HTML 2Page - STMicroelectronics MAX3013EUP Datasheet HTML 3Page - STMicroelectronics MAX3013EUP Datasheet HTML 4Page - STMicroelectronics MAX3013EUP Datasheet HTML 5Page - STMicroelectronics MAX3013EUP Datasheet HTML 6Page - STMicroelectronics MAX3013EUP Datasheet HTML 7Page - STMicroelectronics MAX3013EUP Datasheet HTML 8Page - STMicroelectronics MAX3013EUP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.65V to +3.6V, VL = +1.2V to (VCC - 0.4V) (Note 1), EN = VL, CIOVL
≤ 15pF, CIOVCC ≤ 40pF, TA = TMIN to TMAX. Typical val-
ues are at VCC = +3.3V, VL = +1.8V, TA = +25
°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN Input-Voltage Low
VIL
TA = +25
°C
1/3 x
VL
V
EN Input Current
TA = +25
°C±5
µA
I/O VL_ Output-Voltage High
VOHL
I/O VL_ source current = 20µA
2/3 x
VL
V
I/O VL_ Output-Voltage Low
VOLL
I/O VL_ sink current = 20µA
1/3 x
VL
V
I/O VCC_ Output-Voltage High
VOHC
I/O VCC_ source current = 20µA
2/3 x
VCC
V
I/O VCC_ Output-Voltage Low
VOLC
I/O VCC_ sink current = 20µA
1/3 x
VCC
V
TIMING CHARACTERISTICS
(VCC = +1.65V to +3.6V, VL = +1.2V to (VCC - 0.4V) (Note 1), EN = VL, CIOVL
≤ 15pF, CIOVCC ≤ 40pF, TA = TMIN to TMAX. Typical val-
ues are at VCC = +3.3V, VL = +1.8V, TA = +25
°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIOVCC = 15pF, Figure 1
2.5
CIOVCC = 20pF, Figure 1
3
I/O VCC_ Rise Time
tRVCC
CIOVCC = 40pF, Figure 1
4
ns
CIOVCC = 15pF, Figure 1
2.5
CIOVCC = 20pF, Figure 1
3
I/O VCC_ Fall Time
tFVCC
CIOVCC = 40pF, Figure 1
4
ns
I/O VCC_ One-Shot Output
18.5
Ω
I/O VL_ Rise Time
tRVL
CIOVL = 15pF, Figure 2
2.5
ns
I/O VL_ Fall Time
tFVL
CIOVL = 15pF, Figure 2
2.5
ns
I/O VL_ One-Shot Output
Impedance
12.5
Ω
Propagation Delay (Driving I/O
VL_)
I/OVL-VCC
CIOVCC = 15pF, Figure 1
6.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com