Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMXT448UD-CCUBHA1 Datasheet(PDF) 30 Page - Microchip Technology

Part # ATMXT448UD-CCUBHA1
Description  maXTouch 448-node Touchscreen Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMXT448UD-CCUBHA1 Datasheet(HTML) 30 Page - Microchip Technology

Back Button ATMXT448UD-CCUBHA1 Datasheet HTML 26Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 27Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 28Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 29Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 30Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 31Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 32Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 33Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
mXT448UD-CCUBHA1 1.0
DS40002352A-page 30
 2021 Microchip Technology Inc. and its subsidiaries
8.5
SDA and SCL
The I2C bus transmits data and clock with SDA and SCL, respectively. These are open-drain. The device can only drive
these lines low or leave them open. The termination resistors (Rp) pull the line up to VddIO if no I2C device is pulling it
down.
The termination resistors should be chosen so that the rise times on SDA and SCL meet the I2C specifications for the
interface speed being used, bearing in mind other loads on the bus. For best latency performance, it is recommended
that no other devices share the I2C bus with the maXTouch controller.
8.6
Clock Stretching
The device supports clock stretching in accordance with the I2C specification. It may also instigate a clock stretch if a
communications event happens during a period when the device is busy internally. The maximum clock stretch is 2 ms
and typically less than 350 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com