Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT640UD-CCU001 Datasheet(PDF) 15 Page - Microchip Technology

Part # MXT640UD-CCU001
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT640UD-CCU001 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MXT640UD-CCU001 Datasheet HTML 11Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 12Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 13Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 14Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 15Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 16Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 17Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 18Page - Microchip Technology MXT640UD-CCU001 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
mXT640UD-CCU001 1.0
 2021 Microchip Technology Inc.
DS40002331A-page 15
FIGURE 4-2:
EXAMPLE LAYOUT – TOUCHSCREEN WITH GENERIC KEYS
When designing the physical layout of the touch panel, the following rules must be obeyed:
• General layout rules:
• Additional layout rules for Multiple Touch Touchscreen T100:
- The Multiple Touch Touchscreen T100 object must start at (X0, Y0)
- The touchscreen must contain a minimum of 3 X lines for mutual capacitance measurements. If Dual X Drive
is enabled for use in the Noise Suppression T72 object, the minimum is 4 X lines.
- If self capacitance measurements are enabled in the Acquisition Configuration T8 object, the touchscreen
must contain a minimum of 6 X lines.
- The touchscreen must contain a minimum of 3 Y lines.
• Additional layout rules for Key Array T15:
4.3
Touchscreen Size
Table 4-1 lists some typical screen size and electrode pitch combinations to achieve various touchscreen aspect ratios.
- Each touch object should be a regular rectangular shape in terms of the lines it uses.
- Although each touch object must use a contiguous block of X or Y lines, there can be gaps between the
blocks of X and Y lines used for the different touch objects
- The Multiple Touch Touchscreen T100 object cannot share an X or Y line with another touch object (for
example, a Key Array T15) if self capacitance measurements are enabled. Note that sharing of X or Y lines is
allowed for mutual capacitance only designs, but this is not recommended for compatibility reasons.
- The standard Key Array must occupy higher X and Y lines than those used by the Multiple Touch
Touchscreen T100 object.
- Keys implemented as Generic Keys are in addition to the sensor matrix, and are therefore not affected by the
allocation of the sensor X and Y lines.
Y0
X0
X32
(GKEYX0)
Y2 (GKEYY2)
Y0 (GKEYY0)
Y19
Touchscreen
(32 X × 20 Y)
X31
Key Array using
Generic Keys
1 X x 3 Y
Note:
Generic Key X line (GKEYX0) is logically situated at X32 and
Generic Key Y lines (GKEYY0 to GKEYY2) are logically
situated at Y0 to Y2.
TABLE 4-1:
TYPICAL SCREEN SIZES
Aspect Ratio
Matrix Size
Node Count
Screen Diagonal (Inches)
4.5 mm Pitch (2)
5 mm Pitch
5.5 mm Pitch
6.5 mm Pitch
Single Touchscreen (1)
16:10
X = 32, Y = 20
640
6.69
7.43
8.17
9.66
16:9
X = 32, Y = 18
576
6.5
7.23
7.95
9.4
4:3
X = 27, Y = 20
540
5.95
6.61
7.28
8.6
Note
1:
The figures given in the table are for a Touchscreen and show the largest node count possible to achieve the desired
aspect ratio. No provision has been made for a Key Array.
2:
Recommended sensor pitch for 1.5 mm passive stylus tip diameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com