Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZP6SMB91AT3G Datasheet(PDF) 3 Page - Littelfuse

Part # SZP6SMB91AT3G
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB91AT3G Datasheet(HTML) 3 Page - Littelfuse

  SZP6SMB91AT3G Datasheet HTML 1Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 2Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 3Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 4Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 5Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 6Page - Littelfuse SZP6SMB91AT3G Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
3
SZP6SMB Series
Surface Mount > 600W
Electrical Characteristics - For Unidirectional
Component
Component
Marking
Breakdown Voltage
V
C @ IPP
(Note 8)
V
BR
C
Typ.
(Note 9)
V
RWM
(Note 6)
I
R @
V
RWM
V
BR @ IT (V) (Note 7)
@ I
T
V
C
I
PP
Volts
µA
MIN
NOM
MAX
mA
Volts
Amps
%/°C
pF
SZP6SMB6.8AT3G
6V8A
5.8
1000
6.45
6.8
7.14
10
10.5
57
0.057
2380
SZP6SMB7.5AT3G
7V5A
6.4
500
7.13
7.51
7.88
10
11.3
53
0.061
2180
SZP6SMB8.2AT3G
8V2A
7.02
200
7.79
8.2
8.61
10
12.1
50
0.065
2015
SZP6SMB9.1AT3G
9V1A
7.78
50
8.65
9.1
9.55
1
13.4
45
0.068
1835
SZP6SMB10AT3G
10A
8.55
10
9.5
10
10.5
1
14.5
41
0.073
1690
SZP6SMB12AT3G
12A
10.2
5
11.4
12
12.6
1
16.7
36
0.078
1435
SZP6SMB13AT3G
13A
11.1
5
12.4
13.05
13.7
1
18.2
33
0.081
1335
SZP6SMB15AT3G
15A
12.8
5
14.3
15.05
15.8
1
21.2
28
0.084
1175
SZP6SMB16AT3G
16A
13.6
5
15.2
16
16.8
1
22.5
27
0.086
1110
SZP6SMB18AT3G
18A
15.3
5
17.1
18
18.9
1
25.2
24
0.088
1000
SZP6SMB20AT3G
20A
17.1
5
19
20
21
1
27.7
22
0.09
910
SZP6SMB22AT3G
22A
18.8
5
20.9
22
23.1
1
30.6
20
0.092
835
SZP6SMB24AT3G
24A
20.5
5
22.8
24
25.2
1
33.2
18
0.094
775
SZP6SMB27AT3G
27A
23.1
5
25.7
27.05
28.4
1
37.5
16
0.096
700
SZP6SMB30AT3G
30A
25.6
5
28.5
30
31.5
1
41.4
14.4
0.097
635
SZP6SMB33AT3G
33A
28.2
5
31.4
33.05
34.7
1
45.7
13.2
0.098
585
SZP6SMB36AT3G
36A
30.8
5
34.2
36
37.8
1
49.9
12
0.099
540
SZP6SMB39AT3G
39A
33.3
5
37.1
39.05
41
1
53.9
11.2
0.1
500
SZP6SMB43AT3G
43A
36.8
5
40.9
43.05
45.2
1
59.3
10.1
0.101
460
SZP6SMB47AT3G
47A
40.2
5
44.7
47.05
49.4
1
64.8
9.3
0.101
425
SZP6SMB51AT3G
51A
43.6
5
48.5
51.05
53.6
1
70.1
8.6
0.102
395
SZP6SMB56AT3G
56A
47.8
5
53.2
56
58.8
1
77
7.8
0.103
365
SZP6SMB62AT3G
62A
53
5
58.9
62
65.1
1
85
7.1
0.104
335
SZP6SMB68AT3G
68A
58.1
5
64.6
68
71.4
1
92
6.5
0.104
305
SZP6SMB75AT3G
75A
64.1
5
71.3
75.05
78.8
1
103
5.8
0.105
280
SZP6SMB91AT3G
91A
77.8
5
86.5
91
95.5
1
125
4.8
0.106
235
SZP6SMB100AT3G
100A
85.5
5
95
100
105
1
137
4.4
0.106
215
SZP6SMB120AT3G
120A
102
5
114
120
126
1
165
3.6
0.107
185
SZP6SMB130AT3G
130A
111
5
124
130.5
137
1
179
3.3
0.107
170
SZP6SMB150AT3G
150A
128
5
143
150.5
158
1
207
2.9
0.108
150
SZP6SMB160AT3G
160A
136
5
152
160
168
1
219
2.7
0.108
140
SZP6SMB180AT3G
180A
154
5
171
180
189
1
246
2.4
0.108
130
SZP6SMB200AT3G
200A
171
5
190
200
210
1
274
2.2
0.108
115



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com