Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP322ACPZ-135-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP322ACPZ-135-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-135-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP322ACPZ-135-R7 Datasheet HTML 2Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 3Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 4Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 5Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 6Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 7Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 8Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 9Page - Analog Devices ADP322ACPZ-135-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
GND
NIC
VIN3
9
NIC
EN1
VIN1/VIN2
2
VBIAS
NIC
TOP VIEW
(Not to Scale)
ADP322
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. CONNECT EXPOSED PAD TO GROUND PLANE.
Figure 3. ADP322 Pin Configuration
Table 5. ADP322 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN1
Enable Input for Regulator 1. Drive EN1 high to turn on Regulator 1; drive it low to turn off Regulator 1. For
automatic startup, connect EN1 to VBIAS.
2
VBIAS
Input Voltage Bias Supply. Bypass VBIAS to GND with a 1 µF or greater capacitor.
3
VIN1/VIN2
Regulator Input Supply for Output Voltage 1 and Output Voltage 2. Bypass VIN1/VIN2 to GND with a 1 µF or
greater capacitor.
4
NIC
Not Internally Connected. This pin is not connected internally.
5
VOUT1
Regulated Output Voltage 1. Connect a 1 µF or greater output capacitor between VOUT1 and GND.
6
VOUT2
Regulated Output Voltage 2. Connect a 1 µF or greater output capacitor between VOUT2 and GND.
7
NIC
Not Internally Connected. This pin is not connected internally.
8
VOUT3
Regulated Output Voltage 3. Connect a 1 µF or greater output capacitor between VOUT3 and GND.
9
NIC
Not Internally Connected. This pin is not connected internally.
10
VIN3
Regulator Input Supply for Output Voltage 3. Bypass VIN3 to GND with a 1 µF or greater capacitor.
11
NIC
Not Internally Connected. This pin is not connected internally.
12
GND
Ground Pin.
13
NIC
Not Internally Connected. This pin is not connected internally.
14
NIC
Not Internally Connected. This pin is not connected internally.
15
EN3
Enable Input for Regulator 3. Drive EN3 high to turn on Regulator 3; drive it low to turn off Regulator 3. For
automatic startup, connect EN3 to VBIAS.
16
EN2
Enable Input for Regulator 2. Drive EN3 high to turn on Regulator 2; drive it low to turn off Regulator 2. For
automatic startup, connect EN2 to VBIAS.
EP
Exposed pad for enhanced thermal performance. Connect to copper ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com