Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP322ACPZ-165-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP322ACPZ-165-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-165-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP322ACPZ-165-R7 Datasheet HTML 14Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 15Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 17Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 18Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 19Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 20Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 21Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 18 of 24
Use Equation 1 to determine the worst case capacitance,
accounting for capacitor variation over temperature, compo-
nent tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, TEMPCO over −40°C to +85°C is assumed to
be 15% for an X5R dielectric. TOL is assumed to be 10%, and
CBIAS is 0.94 μF at 1.8 V (from the graph in Figure 52).
Substituting these values into Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temperature
and tolerance at the chosen output voltage.
To guarantee the performance of the ADP322/ADP323 triple
LDO, it is imperative that the effects of dc bias, temperature,
and tolerances on the behavior of the capacitors be evaluated
for each application.
UNDERVOLTAGE LOCKOUT
The ADP322/ADP323 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage bias, VBIAS, is less than approximately 2.2 V. This ensures
that the inputs of the ADP322/ADP323 and the output behave
in a predictable manner during power-up.
ENABLE FEATURE
The ADP322/ADP323 use the ENx pins to enable and disable
the VOUTx pins under normal operating conditions. Figure 53
shows that, when a rising voltage on ENx crosses the active
threshold, VOUTx turns on. When a falling voltage on ENx
crosses the inactive threshold, VOUTx turns off.
ENABLE VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.4
0.6
0.5
0.7
0.9
0.8
1.0
1.1
1.2
VOUT @ 4.5VIN
Figure 53. Typical ENx Pin Operation
As shown in Figure 53, the ENx pin has built in hysteresis. This
prevents on/off oscillations that can occur due to noise on the
ENx pin as it passes through the threshold points.
The active/inactive thresholds of the ENx pin are derived from
the VBIAS voltage. Therefore, these thresholds vary with changing
input voltage. Figure 54 shows typical ENx active/ inactive
thresholds when the input voltage varies from 2.5 V to 5.5 V
(note that VENx is the enable voltage).
INPUT VOLTAGE (V)
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VENx RISE
VENx FALL
Figure 54. Typical ENx Pins Thresholds vs. Input Voltage
The ADP322/ADP323 use an internal soft start to limit the
inrush current when the output is enabled. The start-up time
for the 2.8 V option is approximately 220 µs from the time the
ENx active threshold is crossed to when the output reaches 90%
of its final value. The start-up time is somewhat dependent on
the output voltage setting and increases slightly as the output
voltage increases.
CH3
CH2
500mV B
W
1
2
T 10.2%
CH1 1V
500mV
M100µs A CH1
540mV
B
W
CH4 500mV BW
B
W
VENx
VOUT1
VOUT2
VOUT3
Figure 55. Typical Start-Up Time, ILOAD1 = ILOAD2 = ILOAD3 = 100 mA,
CH1 = VENx (the Enable Voltage), CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com