Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX674ASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX674ASD
Description  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX674ASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX674ASD Datasheet HTML 1Page - Maxim Integrated Products MX674ASD Datasheet HTML 2Page - Maxim Integrated Products MX674ASD Datasheet HTML 3Page - Maxim Integrated Products MX674ASD Datasheet HTML 4Page - Maxim Integrated Products MX674ASD Datasheet HTML 5Page - Maxim Integrated Products MX674ASD Datasheet HTML 6Page - Maxim Integrated Products MX674ASD Datasheet HTML 7Page - Maxim Integrated Products MX674ASD Datasheet HTML 8Page - Maxim Integrated Products MX674ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX174/MX574A/MX674A are complete 12-bit
analog-to-digital converters (ADCs) that combine high
speed, low-power consumption, and on-chip clock and
voltage reference. The maximum conversion times are
8μs (MAX174), 15μs (MX674A), and 25μs (MX574A).
Maxim’s BiCMOS construction reduces power dissipation
3 times (150mW) over comparable devices. The internal
buried zener reference provides low-drift and low-noise
performance. External component requirements are lim-
ited to only decoupling capacitors and fixed resistors. The
versatile analog input structure allows for 0 to +10V or 0
to +20V unipolar or ±5V or ±10V bipolar input ranges with
pin strapping.
The MAX174/MX574A/MX674A use standard micropro-
cessor interface architectures and can be interfaced to 8-,
12-, and 16-bit wide buses. Three-state data outputs are
controlled by CS, CE, and R/C logic inputs.
Features
● Complete ADC with Reference and Clock
● 12-Bit Resolution and Linearity
● No Missing Codes Over Temperature
● 150mW Power Dissipation
● 8μs (MAX174), 15μs (MX674A), and 25μs (MX574A)
Max Conversion Times
● Precision Low TC Reference: 10ppm/°C
● Monolithic BiCMOS Construction
● 150ns Maximum Data Access Time
Applications
● Digital Signal Processing
● High-Accuracy Process Control
● High-Speed Data Acquisition
● Electro-Mechanical Systems
Ordering Information appears at end of data sheet.
19-2765; Rev 4; 6/18
Click
here for production status of specific part numbers.
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
Functional Diagram
R
14
5kΩ
9.950kΩ
5kΩ
13
12
11
VEE
BIPOFF
10VIN 20VIN
2R
+10V
REF
9
8
10
REFIN
AGND
REFOUT
12-BIT
DAC
7
VCC
15
DGND
1
VL
SAR
12
LOW
NIBBLE
4
4
4
MIDDLE
NIBBLE
HIGH
NIBBLE
CLOCK
AND
CONTROL
LOGIC
2
12/8
A0
3
4
27
5
6
28
24
23
20
19
16
D0
D3 D4
D7 D8
D11
STS CE R/C
CS
MAX174
MX574A
MX674A
EVALUATION KIT AVAILABLE


Similar Part No. - MX674ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX674ASD MAXIM-MX674ASD Datasheet
559Kb / 15P
Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
More results

Similar Description - MX674ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174_11 Datasheet
1Mb / 18P
Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
logo
Analog Devices
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
logo
Linear Technology
LTC7541A LINER-LTC7541A_15 Datasheet
170Kb / 4P
Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com