Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX574ASD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MX574ASD
Description  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX574ASD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MX574ASD Datasheet HTML 4Page - Maxim Integrated Products MX574ASD Datasheet HTML 5Page - Maxim Integrated Products MX574ASD Datasheet HTML 6Page - Maxim Integrated Products MX574ASD Datasheet HTML 7Page - Maxim Integrated Products MX574ASD Datasheet HTML 8Page - Maxim Integrated Products MX574ASD Datasheet HTML 9Page - Maxim Integrated Products MX574ASD Datasheet HTML 10Page - Maxim Integrated Products MX574ASD Datasheet HTML 11Page - Maxim Integrated Products MX574ASD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Detailed Description
Converter Operation
The MAX174/MX574A/MX674A use a successive approx-
imation technique to convert an unknown analog input
to a 12-bit digital output code. The control logic provides
easy interface to most microprocessors. Most applica-
tions require only a few external passive components to
perform the analog-to-digital (A/D) function.
The internal voltage output DAC is controlled by a suc-
cessive approximation register (SAR) and has an output
impedance of 2.5kΩ. The analog input is connected to
the DAC output with a 5kΩ resistor for the 10V input and
10kΩ resistor for the 20V input. The comparator is essen-
tially a zero-crossing detector, and its output is fed back
to the SAR input.
The SAR is set to half-scale as soon as a conversion
starts. The analog input is compared to 1/2 of the full-scale
voltage. The bit is kept if the analog input is greater than
halfscale or dropped if smaller. The next bit, bit 10, is then
set with the DAC output either at 1/4 scale, if the most
significant bit (MSB) is dropped, or 3/4 scale if the MSB
is kept. The conversion continues in this manner until the
least significant bit (LSB) is tried. At the end of the conver-
sion, the SAR output is latched into the output buffers.
Digital Interface
CE, CS, and R/C control the operation of the MAX174/
MX574A/MX674A. While both CE and CS are asserted,
the state of R/C selects whether a conversion (R/C = 0) or
a data read (R/C = 1) is in progress. The register control
inputs, 12/8 and A0, select the data format and conver-
sion length. A0 is usually tied to the LSB of the address
bus. To perform a full 12-bit conversion, set A0 low during
a convert start. For a shorter 8-bit conversion, A0 must be
high during a convert start.
Output Data Format
During a data read, A0 also selects whether the three-
state buffers contain the 8 MSBs (A0 = 0) or the 4 LSBs
(A0 = 1) of the digital result. The 4 LSBs are followed by
4 trailing 0s.
Output data is formatted according to the 12/8 pin. If this
input is low, the output will be a word broken into two 8-bit
bytes. This allows direct interlace to 8-bit buses without
the need for external three-state buffers. If 12/8 is high,
the output will be one 12-bit word. A0 can change state
while a data-read operation is in effect.
To begin a conversion, the microprocessor must write to
the ADC address. Then, since a conversion usually takes
longer than a single clock cycle, the microprocessor must
wait for the ADC to complete the conversion. Valid data
will be made available only at the end of the conversion,
which is indicated by STS. STS can be ether polled or
used to generate an interrupt upon completion. Or, the
microprocessor can be kept idle by inserting the appropri-
ate number of No Operation (NOP) instructions between
the conversion-start and data-read commands.
PIN
NAME
FUNCTION
6
CE
Chip-Enable Input. Must be high to select device.
7
V
CC
+12V or +15V Supply
8
REFOUT
+10V Reference Output
9
AGND
Analog Ground
10
REFIN
Reference Input
11
V
EE
-12V or -15V Supply
12
BIPOFF
Bipolar Offset Input. Connect to REFOUT for bipolar input range.
13
10V
IN
10V Span Input
14
20V
IN
20V Span Input
15
DGND
Digital Ground
16–27
D0–D11
Three-State Data Outputs
28
STS
Status Output
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
www.maximintegrated.com
Maxim Integrated │ 8
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com