Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDUH20HVL6 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUH20HVL6
Description  3.3/3.8kW Single-Phase 208/240V Basic PDU, 14 Outlets (12 C13 & 2 C19), NEMA L6-20P Input, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUH20HVL6 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUH20HVL6 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUH20HVL6 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUH20HVL6 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Minimum Required Rack Depth
(inches)
6.8
Outlets Measurement (Center to
Center)
Distance between front (C13) outlets = 28.75mm; Distance between rear (C19) outlets = 55mm; Distance between
rear (C13) outlets = 28.75mm
PDU Form Factor
Horizontal (1U)
Shipping Dimensions (hwd / cm)
27.94 x 5.72 x 51.44
Shipping Dimensions (hwd / in.)
11.00 x 2.25 x 20.25
Shipping Weight (kg)
2.68
Shipping Weight (lbs.)
5.90
Unit Dimensions (hwd / cm)
4.45 x 43.8 x 9.5
Unit Dimensions (hwd / in.)
1.75 x 17.25 x 3.75
Unit Weight (kg)
1.70
Unit Weight (lbs.)
3.75
ENVIRONMENTAL
Storage Temperature Range
-30°C to +50°C (-22°F to +122°F)
Relative Humidity
5 to 95% non-condensing
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
SPECIAL FEATURES
TVSS Grounding
Rear grounding lug
STANDARDS & COMPLIANCE
Certifications
Tested to UL 60950 (USA), CSA (Canada), RoHS Compliant
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com