Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPTXQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # S2-LPTXQTR
Description  Sub-1 GHz proprietary radio transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPTXQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button S2-LPTXQTR Datasheet HTML 17Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 18Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 19Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 20Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 21Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 22Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 23Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 24Page - STMicroelectronics S2-LPTXQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
4.4.1
Frequency modulation
For frequency modulation 2-(G)FSK and 4-(G)FSK the frequency deviation can be tuned in wide range that
depends on
fxo(XTALfrequency)accordingthefollowingformula:
Frequency deviation
fdev=
fXO219·roundD·FDEV_M·B8
D·B                                           if FDEV_E=0
fXO219·roundD·256+FDEV_M·2FDEV_E−1·B8
D·B
     if FDEV_E >0  
(10)
Where
fxoistheXTALoscillationfrequency,DisthereferencedividerandBisthebandselector.
The frequency deviation programmed corresponds to the deviation of the outer constellation symbols. The
deviation of the inner symbols is 1/3 of such programmed values, as reported in the table below, where 4 options
are available.
Furthermore, since the payload is normally arranged in bytes, the arrangement can change the mapping for both
2-(G)FSK and 4-(G)FSK modulations, by using the CONST_MAP (register MOD1), in the following way:
Table 29. Constellation mapping 2-(G)FSK
Format
Symbol
CONST_MAP coding
0
1
2
3
2-(G)FSK
0
-FDEV
NA
+FDEV
NA
1
+FDEV
NA
-FDEV
NA
Table 30. Constellation mapping 4-(G)FSK
Format
Symbol
CONST_MAP coding
0
1
2
3
4-(G)FSK
00
-FDEV/3
-FDEV
+FDEV/3
+FDEV
01
-FDEV
-FDEV/3
+FDEV
+FDEV/3
10
+FDEV/3
+FDEV
-FDEV/3
-FDEV
11
+FDEV
+FDEV/3
-FDEV
-FDEV/3
Furthermore, in the 4-(G)FSK it is also possible to swap the symbols using the 4FSK_SYM_SWAP field (register
PCKTCTRL3) as follows:
(11)
When 4FSK_SYM_SWAP = 0: S0 = <b7b6>
S1 = <b5b4>
S2 = <b3b2>
S3 = <b1b0>
When 4FSK_SYM_SWAP = 1 S0 = <b6b7>
S1 = <b4b5>
S2 = <b2b3>
S3 = <b0b1>
4.4.1.1
Gaussian shaping
In 2-GFSK or 4-GFSK mode, the Gaussian filter BT product can be set by using the register BT_SEL to 1 or 0.5.
The Gaussian filtering is implemented by poly-phase filtering with eight taps per symbol time. In order to further
smooth the filter shape and improve spectral shaping, the output of the filter can be linearly interpolated by setting
the register MOD_INTERP_EN.
S2-LPTX
Digital modulator
DS13100 - Rev 1
page 21/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com