Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7116C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7116C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7116C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7116C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
The Maxim ICL7116 and ICL7117 3½ digit ADCs are
similar to the Maxim ICL7106 and ICL7107, except for the
addition of a Hold pin. For a detailed product description,
package dimensions, and applications information (other
than the operation of the Hold pin described below) refer
to Maxim’s ICL7106 and ICL7107 data sheet
Hold Input
The Hold input is a digital input with a logic threshold
approximately midway between V+ and Test (ICL7116)
or V+ and Ground (ICL7117). The ICL7116/ICL7117 con-
tinuously performs conversions, independent of the Hold
input. When the Hold input is connected to V+, however,
the display latch pulse is inhibited, and the the display
latches are not updated. The Hold input has a 70kΩ pull-
down resistor to Test (ICL7116) or Ground (ICL7117) and
the Hold input will be pulled low if it is left open. When
Hold is low the ICL7116/ICL7117 updates the display
at the end of each conversion. The Hold input is CMOS
compatible and can also be driven by a switch connected
to V+ (Figure 1 and Figure 2) or by a PNP transistor.
Unlike the ICL7106 and the ICL7107, the ICL7116 and
ICL7117 do not have a Reference Low input. Apply the
reference voltage between Reference High (REF HI) and
Common.
Figure 1. Maxim ICL7116 Typical Operating Circuit, 200mV Reference
ANALOG
INPUT
ICL7116
+
-
LCD DISPLAY
VREF
CLOSED = HOLD
OPEN = RUN
9V
TO ANALOG
COMMON PIN
[PIN 32]
IN HI
31
IN LO
30
32
1MΩ
0.01µF
COMMON
BUFF
28
A-Z
29
INT
29
0.47µF
0.22µF
47kΩ
39
34
33
0.1µF
C+REF C-REF
OSC2 OSC3
OSC1
38 COSC
100pF
100kΩ
40
ROSC
SEGMENT
DRIVE
2–19
22–25
POL
BP
20
21
MINUS SIGN
BACKPLANE
DRIVE
HOLD 1
V+
V-
REF HI
35
36
26
24kΩ
10kΩ
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com