Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM324LVIDYYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM324LVIDYYR
Description  LM321LV, LM358LV, LM324LV Industry Standard, Low Voltage Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324LVIDYYR Datasheet(HTML) 2 Page - Texas Instruments

  LM324LVIDYYR Datasheet HTML 1Page - Texas Instruments LM324LVIDYYR Datasheet HTML 2Page - Texas Instruments LM324LVIDYYR Datasheet HTML 3Page - Texas Instruments LM324LVIDYYR Datasheet HTML 4Page - Texas Instruments LM324LVIDYYR Datasheet HTML 5Page - Texas Instruments LM324LVIDYYR Datasheet HTML 6Page - Texas Instruments LM324LVIDYYR Datasheet HTML 7Page - Texas Instruments LM324LVIDYYR Datasheet HTML 8Page - Texas Instruments LM324LVIDYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information: LM321LV...................................7
6.5 Thermal Information: LM358LV...................................7
6.6 Thermal Information: LM324LV...................................7
6.7 Electrical Characteristics.............................................8
6.8 Typical Characteristics................................................ 9
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 16
9 Power Supply Recommendations................................18
9.1 Input and ESD Protection......................................... 18
10 Layout...........................................................................19
10.1 Layout Guidelines................................................... 19
10.2 Layout Example...................................................... 19
11 Device and Documentation Support..........................21
11.1 Documentation Support.......................................... 21
11.2 Receiving Notification of Documentation Updates.. 21
11.3 Support Resources................................................. 21
11.4 Trademarks............................................................. 21
11.5 Electrostatic Discharge Caution.............................. 21
11.6 Glossary.................................................................. 21
12 Mechanical, Packaging, and Orderable
Information.................................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (September 2019) to Revision E (February 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added SOT-23 (DYY) package to Device Information table...............................................................................1
• Added DYY (SOT-23) information to Pin Configuration and Functions section..................................................3
• Added DYY (SOT-23) to Thermal Information: LM324LV table.......................................................................... 7
Changes from Revision C (May 2019) to Revision D (September 2019)
Page
• Deleted all preview notations in data sheet for SOT-23 (DDF) package............................................................ 1
Changes from Revision B (February 2019) to Revision C (May 2019)
Page
• Added SOT-23 (DDF) package to Device Information table...............................................................................1
• Added DDF (SOT-23) information to Pin Configuration and Functions section..................................................3
• Added DDF (SOT-23) to Thermal Information: LM358LV table.......................................................................... 7
Changes from Revision A (January 2019) to Revision B (February 2019)
Page
• Changed LM321LVIDBV (SOT-23) pinout diagram to match the LM321LVIDCK (SC70) pinout ...................... 3
Changes from Revision * (September 2018) to Revision A (January 2019)
Page
• Changed data sheet title from LM3xxLV... to LM321LV, LM358LV, LM324LV... ................................................ 1
LM321LV, LM324LV, LM358LV
SBOS944E – SEPTEMBER 2018 – REVISED FEBRUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM321LV LM324LV LM358LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com