Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S40 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S40_V01 Datasheet HTML 8Page - STMicroelectronics ST1S40_V01 Datasheet HTML 9Page - STMicroelectronics ST1S40_V01 Datasheet HTML 10Page - STMicroelectronics ST1S40_V01 Datasheet HTML 11Page - STMicroelectronics ST1S40_V01 Datasheet HTML 12Page - STMicroelectronics ST1S40_V01 Datasheet HTML 13Page - STMicroelectronics ST1S40_V01 Datasheet HTML 14Page - STMicroelectronics ST1S40_V01 Datasheet HTML 15Page - STMicroelectronics ST1S40_V01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Functional description
ST1S40
12/30
DocID17928 Rev 6
so by closing the loop, the loop gain GLOOP(s) is:
Equation 13
Example:
VIN = 12 V, VOUT = 1.2 V, Iomax = 3 A, L = 1.5 µH, Cout = 47 µF (MLCC), R1 = 10 k
,
R2 = 20 k
(see Section 6.2 and Section 6.3 for inductor and output capacitor selection
guidelines).
The module and phase Bode plot are reported in Figure 6.
The bandwidth is 100 kHz and the phase margin is 45 degrees.
Figure 6. Module and phase Bode plot
G
LOOP s

G
CO s
 G
DIV s
 G
EA s


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com