| Electronic Components Datasheet Search |
|
STM32L011E4 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011E4 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 119 page ![]() DocID027973 Rev 5 19/119 STM32L011x3/4 Functional overview 32 3.3 Arm® Cortex®-M0+ core The Cortex-M0+ processor is an entry-level 32-bit Arm Cortex processor designed for a broad range of embedded applications. It offers significant benefits to developers, including: • a simple architecture that is easy to learn and program • ultra-low power, energy-efficient operation • excellent code density • deterministic, high-performance interrupt handling • upward compatibility with Cortex-M processor family • platform security robustness. The Cortex-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a 2-stage pipeline von Neumann architecture. The processor delivers exceptional energy efficiency through a small but powerful instruction set and extensively optimized design, providing high-end processing hardware including a single-cycle multiplier. The Cortex-M0+ processor provides the exceptional performance expected of a modern 32- bit architecture, with a higher code density than other 8-bit and 16-bit microcontrollers. Owing to its embedded Arm core, the STM32L011x3/4 are compatible with all Arm tools and software. Table 6. STM32L011x3/4 peripherals interconnect matrix Interconnect source Interconnect destination Interconnect action Run Sleep Low- power run Low- power sleep Stop COMPx TIM2,TIM21 Timer input channel, trigger from analog signals comparison YY Y Y - LPTIM1 Timer input channel, trigger from analog signals comparison YY Y Y Y TIMx TIMx Timer triggered by other timer YY Y Y - RTC TIM21 Timer triggered by Auto wake-up YY Y Y - LPTIM1 Timer triggered by RTC event YY Y Y Y All clock source TIMx Clock source used as input channel for RC measurement and trimming YY Y Y - GPIO TIMx Timer input channel and trigger YY Y Y - LPTIM1 Timer input channel and trigger YY Y Y Y ADC Conversion trigger Y Y Y Y - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |