Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVSPIN32F06Q1S1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # EVSPIN32F06Q1S1
Description  3-phase inverter based on STSPIN32F0601
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVSPIN32F06Q1S1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button EVSPIN32F06Q1S1 Datasheet HTML 9Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 10Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 11Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 12Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 13Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 14Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 15Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 16Page - STMicroelectronics EVSPIN32F06Q1S1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Reference
Part Value
Description
Package
Manufacturer
Part Number
TP4, TP6, TP7,
TP11, TP14,
TP17, TP18,
TP19, TP20,
TP21, TP22,
TP23, TP24, TP25
N.M.
TP for Probe
Diam. 1.27,
Hole 0.8mm
TP5
N.M. (ZCR)
Test Point PCB 1mm DIAMETER
Copper Pad
TPSMD-1mm
TP8, TP12
TPTH-
ANELLO-1mm
THT Ring Test Point
Keystone
5003
TP10
N.M. (SPEED) Test Point PCB 1mm DIAMETER
Copper Pad
TPSMD-1mm
TP13, TP16
N.M. (CIN,
PGND)
Test Point PCB 1mm DIAMETER
Copper Pad
TPSMD-1mm
TP15
NEEDLE-
PAD-1.7mm
Test Point PCB 1.7mm
DIAMETER
Copper Pad
NEEDLE-PAD-1.7mm
T1
750318434
Switch mode Transformer 2.3W
60kHz 3.15mH 7-15V
WURTH
ELECTRONIK
750318434
U1
STSPIN32F06
01Q
600V three-phase controller with
ARM Cortex MCU
QFN72-10X10 STMicroelectronics
STSPIN32F0601Q/TR
U2
TSV911ILT
Single Rail-to-Rail input/output 8
MHz operational amplifiers
SOT23-5
STMicroelectronics
TSV911ILT
U3
TS3021ILT
Rail-to-rail 1.8 V high-speed
comparator
SOT23-5
STMicroelectronics
TS3021ILT
U4
LD1117S33CT
R
800mA, 3.3V Adjustable and
Fixed low drop positive voltage
regulator
SOT-223
STMicroelectronics
LD1117S33CTR
U5
VIPER06XS
Fixed-frequency VIPer plus family
SSO10
STMicroelectronics
VIPER06XS
U6
USBLC6-2SC6
Very low capacitance ESD
protection
SOT23-6L
STMicroelectronics
USBLC6-2SC6
U7
LD3985M33R
3.3V_150mA_ULTRA LOW
DROP VOLTAGE REGULATOR
SOT23-5L
STMicroelectronics
LD3985M33R
U8
STM32F103C
BT6
64/182KB
FLASH_USB_72MHz_3.6V
LQFP48 - 7x7
mm
STMicroelectronics
STM32F103CBT6
X1, X2
8MHz
CRYSTAL 8.0000MHZ 8PF SMD
2.5x3.2 mm
NDK
NX3225GD-8MHZ-STD-
CRA-3
Rubber feet
Hammond
1421T6CL
J8, JP7, JP8
Female Jumper Isolated, pitch
2.54mm
ASSMANN WSW
AKSCT/Z BLACK
P.C.B. EVSPIN32F06Q1S1
Rev.1.0
Dim. 75, 2 x
141.6 mm
STMicroelectronics
EVSPIN32F06Q1S1
Bill of materials
DB4375 - Rev 1
page 13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com