Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS4-LR-1/8-D6-AS Datasheet(PDF) 1 Page - Festo Corporation.

Part # MS4-LR-1/8-D6-AS
Description  Pressure regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS4-LR-1/8-D6-AS Datasheet(HTML) 1 Page - Festo Corporation.

  MS4-LR-1/8-D6-AS Datasheet HTML 1Page - Festo Corporation. MS4-LR-1/8-D6-AS Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure regulator
MS4-LR-1/8-D6-AS
Part number: 529423
Data sheet
Feature
Value
Size
4
Series
MS
Actuator lock
Rotary knob with detent
can be closed with accessories
Mounting position
Any
Structural design
Directly controlled diaphragm regulator
Controller function
Outlet pressure constant
With secondary exhausting
With return flow function
Symbol
00991558
Pressure gauge
with pressure gauge
Operating pressure
0.8 bar ... 14 bar
Pressure regulation range
0.3 bar ... 7 bar
Max. pressure hysteresis
0.25 bar
Standard nominal flow rate
1150 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
225 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Note on materials
RoHS-compliant
Material of sub-base
Die-cast aluminum
Material of operator panel
PA
POM
Seals material
NBR
Housing material
Die-cast aluminum
3/16/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - MS4-LR-1/8-D6-AS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MS4-LR-1/8-D6-AS-Z FESTO-MS4-LR-1/8-D6-AS-Z Datasheet
85Kb / 2P
Pressure regulator
3/16/22
More results

Similar Description - MS4-LR-1/8-D6-AS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com