Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ARF476FL Datasheet(PDF) 2 Page - Microchip Technology

Part # ARF476FL
Description  500 V, 900 W, 128 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ARF476FL Datasheet(HTML) 2 Page - Microchip Technology

  ARF476FL Datasheet HTML 1Page - Microchip Technology ARF476FL Datasheet HTML 2Page - Microchip Technology ARF476FL Datasheet HTML 3Page - Microchip Technology ARF476FL Datasheet HTML 4Page - Microchip Technology ARF476FL Datasheet HTML 5Page - Microchip Technology ARF476FL Datasheet HTML 6Page - Microchip Technology ARF476FL Datasheet HTML 7Page - Microchip Technology ARF476FL Datasheet HTML 8Page - Microchip Technology ARF476FL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1.
Device Specifications
This section shows the specifications of the ARF476FL device.
1.1
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the ARF476FL device. TC = 25 °C unless otherwise
specified.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain-source voltage
500
V
VDGO
Drain-gate voltage
500
ID
Continuous drain current
10
A
VGS
Gate-source voltage
±30
V
PD
Total power dissipation (per side)
910
W
TJ, TSTG
Operating and storage junction temperature range
–55 to 175
°C
TL
Lead temperature: 0.063" from case for 10 seconds
300
1.2
Electrical Performance
The following table shows the static characteristics of the ARF476FL device. TC = 25 °C unless otherwise specified.
Table 1-2. Static Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS Drain-source breakdown voltage
VGS = 0 V, ID = 250 µA
500
V
VDS(ON)
On-state drain voltage1
ID(ON) = 5 A, VGS = 10 V
2.9
4
IDSS
Zero-gate voltage drain current
VDS = VDSS, VGS = 0 V
100
µA
VDS = 50 V, VGS = 0 V, TC =
125 °C
500
IGSS
Gate-source leakage current
VGS = ±30 V, VDS = 0 V
±100
nA
gfs
Forward transconductance
VDS = 15 V, ID = 5 A
4.2
5.1
S
gfs1/gfs2
Forward transconductance match
ratio
VDS = 15 V, ID = 5 A
0.9
1.1
S
VGS(th)
Gate-source threshold voltage
VDS = VGS, ID = 200 mA
2
3.3
4
V
DVGS(th) Gate threshold voltage match
VDS = VGS, ID = 200 mA
0.2
V
Note: 
1.
Pulse test: Pulse width < 380 μs, Duty Cycle < 2%.
The following table shows the thermal characteristics of the ARF476FL device.
ARF476FL
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004436A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com