Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2951 Datasheet(PDF) 12 Page - Microchip Technology

Part # LP2951
Description  100 mA Low-Dropout Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP2951 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LP2951 Datasheet HTML 8Page - Microchip Technology LP2951 Datasheet HTML 9Page - Microchip Technology LP2951 Datasheet HTML 10Page - Microchip Technology LP2951 Datasheet HTML 11Page - Microchip Technology LP2951 Datasheet HTML 12Page - Microchip Technology LP2951 Datasheet HTML 13Page - Microchip Technology LP2951 Datasheet HTML 14Page - Microchip Technology LP2951 Datasheet HTML 15Page - Microchip Technology LP2951 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LP2951
DS20005736B-page 12
2017 - 2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Quiescent Current.
FIGURE 2-2:
Dropout Characteristics.
FIGURE 2-3:
Input Current.
FIGURE 2-4:
Input Current.
FIGURE 2-5:
Output Voltage vs.
Temperature of 3 Representative Units.
FIGURE 2-6:
Ground Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.1
1
10
150
10
1
0.1
0.01
LOAD CURRENT (mA)
0
1
2
345
6
1
2
3
4
5
6
0
R = 50k
L
R = 50
L
Ω
Ω
INPUT VOLTAGE (V)
0
25
50
75
100
125
150
175
200
225
250
0
12
3 4
5 6
789 10
R = 50k
L
R =
L
INPUT VOLTAGE (V)
Ω
∞
120
100
80
60
40
20
0
01
234
5
6 7
89 10
INPUT VOLTAGE (V)
140
160
R = 50
L
Ω
5.06
5.04
5.02
5.00
4.98
4.96
4.94
-75 -50 -25 0 25 50 75 100 125 150
0.2%
TEMPERATURE (°C)
0
40
80
120
160
200
240
280
320
01
234
56
7
8
I = 1 mA
L
I = 0
L
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com