Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2033 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 6Page - Microchip Technology MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology MIC2033 Datasheet HTML 10Page - Microchip Technology MIC2033 Datasheet HTML 11Page - Microchip Technology MIC2033 Datasheet HTML 12Page - Microchip Technology MIC2033 Datasheet HTML 13Page - Microchip Technology MIC2033 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MIC2033
DS20005539C-page 10
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
FIGURE 2-19:
Soft-Start Turn-Off.
FIGURE 2-20:
Enable Turn-On.
FIGURE 2-21:
Enable Turn-Off.
FIGURE 2-22:
Turn-On into Short-Circuit.
FIGURE 2-23:
Current-Limit Response,
400 mA Steady State Load.
FIGURE 2-24:
Current-Limit Response.
V
IN = 3.3V
I
LOAD = 500mA
C
CSLEW = 0.1μF
C
OUT = 1μF
Time (2ms/div)
I
IN
(500mA/div)
V
IN
(2V/div)
V
FAULT/
(2V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 500mA
C
CSLEW = 0.1μF
C
OUT = 1μF
MIC2033-05BYM6
Time (100μs/div)
V
EN
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 500mA
C
CSLEW = 0.1μF
C
OUT = 1μF
MIC2033-05BYM6
Time (20μs/div)
V
EN
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = Short Circut
C
CSLEW = 0.1μF
C
IN = 1μF
C
OUT = 1μF
MIC2033-12AYM6
Time (100μs/div)
V
IN
(2V/div)
I
IN
(500mA/div)
V
OUT
(2V/div)
Time (10ms/div)
V
OUT
(2V/div)
I
IN
(1A/div)
V
FAULT/
(5V/div)
V
IN = 3.3V
I
LOAD = 400mA
(Steady State),
Output short applied
C
CSLEW = 0.1μF
C
OUT = 1μF
MIC2033-05BYM6
Time (4ms/div)
V
FAULT/
(5V/div)
I
IN
(500mA/div)
V
IN
(2V/div)
V
IN = 5V
I
LOAD = MOSFET load turned
on such that V
OUT = (0.8×VIN)
C
CSLEW = OPEN
C
OUT = 1μF
MIC2033-10AYM6
V
OUT
(1V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com