Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58ECX Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 66Page - STMicroelectronics SPC58ECX Datasheet HTML 67Page - STMicroelectronics SPC58ECX Datasheet HTML 68Page - STMicroelectronics SPC58ECX Datasheet HTML 69Page - STMicroelectronics SPC58ECX Datasheet HTML 70Page - STMicroelectronics SPC58ECX Datasheet HTML 71Page - STMicroelectronics SPC58ECX Datasheet HTML 72Page - STMicroelectronics SPC58ECX Datasheet HTML 73Page - STMicroelectronics SPC58ECX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 153 page
background image
Electrical characteristics
SPC584Cx, SPC58ECx
70/153
DS11620 Rev 8
4.15.3
Voltage monitors
The monitors and their associated levels for the device are given in Table 39. Figure 17
illustrates the workings of voltage monitoring threshold.
Table 37. Clamp regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VCLAMP
CC P Clamp regulator output voltage
After trimming, internal
regulator mode
1.18
1.22
1.33
V
ΔIDDCLAMP CC T Clamp regulator current variation
20 µs observation
window
-100
100
mA
ICLAMPINT CC D
Clamp regulator current
consumption
IMREG = 0 mA
0.7
mA
Table 38. Standby regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VSBY
CC P Standby regulator output voltage
After trimming,
maximum load
1.02
1.06
1.26
V
IDDSBY
CC T
Standby regulator current
provided to VDD_LV domain
External Ballast
50
mA
Internal Ballast
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com