Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L151X6 Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 139Page - STMicroelectronics STM8L151X6 Datasheet HTML 140Page - STMicroelectronics STM8L151X6 Datasheet HTML 141Page - STMicroelectronics STM8L151X6 Datasheet HTML 142Page - STMicroelectronics STM8L151X6 Datasheet HTML 143Page - STMicroelectronics STM8L151X6 Datasheet HTML 144Page - STMicroelectronics STM8L151X6 Datasheet HTML 145Page - STMicroelectronics STM8L151X6 Datasheet HTML 146Page - STMicroelectronics STM8L151X6 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 144 / 147 page
background image
Revision history
STM8L151x6/8 STM8L152x6/8
144/147
DS6948 Rev 11
03-Apr-2013
5
Updated capacitive sensing channels and “Dynamic consumption” in
Features
Updated LCD feature in Table 2: High-density and medium+ density
STM8L15xx6/8 low power device features and peripheral counts
Updated Halt mode definition in Section 3.1: Low-power modes
Added Bootloader
Updated Section 3.12: System configuration controller and routing
interface
Added Section 3.13: Touch sensing
Table 5: High-density and medium+ density STM8L15x pin description:
updated NRST/PA1, PI0, PI1, PI2, PE0, PE1, PE2, PF4, PF5, PF6,
PF7, footnote 1. and added Note:
Updated ‘0x00 502E to 0x00 5049’ reserved area in Table 9: General
hardware register map
Updated reference to SWIM/DEBUG manual in Section 7: Option bytes
Updated BOR factory default settings to 0x00 in Table 12: Option byte
addresses
Corrected ROP option byte value in Table 12: Option byte addresses
Added Figure 45: Maximum dynamic current consumption on VREF+
supply pin during ADC conversion
Updated STABVREFINT max value in Table 46: Reference voltage
characteristics
Updated Figure 41: SPI1 timing diagram - master mode
Added Table 57: RAIN max for fADC = 16 MHz
Updated Max DAC_OUT in Table 50: DAC characteristics
Updated Section 9.3.12: Comparator characteristics
31-Jul-2013
6
Added ‘Top view’ footnotes under the pinout figures in Section 4: Pin
description
Updated the PF4-PF7 pins for the LQFP80 in Table 5: High-density and
medium+ density STM8L15x pin description
Updated all packages:
Updated Figure 57: UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra
thin fine pitch quad flat package outline and Table 65: LQFP48 - 48-pin,
7 x 7 mm low-profile quad flat package mechanical data
Added Figure 49: LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat
package recommended footprint
Added ‘tape and reel’ in Table 69: Ordering information scheme
Table 70. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com