Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFCL02/0ZC1 Datasheet(PDF) 2 Page - Littelfuse

Part # LFCL02/0ZC1
Description  LFCL CABLE LIMITERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFCL02/0ZC1 Datasheet(HTML) 2 Page - Littelfuse

  LFCL02/0ZC1 Datasheet HTML 1Page - Littelfuse LFCL02/0ZC1 Datasheet HTML 2Page - Littelfuse LFCL02/0ZC1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWR-GARD® Fuse Datasheet
© 2017 Littelfuse POWR-GARD® Products
Littelfuse.com
Rev: 101017
2 of 3
DIMENSIONS - IN (MM)
LITTELFUSE
ORDERING
NUMBER
FIGURE
NUMBER
COPPER
CABLE SIZE
A
B
C
D
E
F
G
H
J
LFCL0004ZC1
1
4 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
—
—
—
—
LFCL0003ZC1
1
3 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.34 (8.7)
0.28 (7.1)
—
—
—
—
LFCL0002ZC1
1
2 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
—
—
—
—
LFCL0001ZC1
1
1 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
—
—
—
—
LFCL01/0ZC1
1
1/0 AWG
1.5 (38.1)
2.625 (66.7) 1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
—
—
—
—
LFCL02/0ZC1
1
2/0 AWG
1.63 (41.3)
2.625 (66.7) 1.25 (31.8)
0.44 (14.3)
0.70 (11.1)
—
—
—
—
LFCL03/0ZC1
1
3/0 AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
—
—
—
—
LFCL04/0ZC1
1
4/0 AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.34 (17.5)
0.55 (14.0)
—
—
—
—
LFCL0250ZC1
1
250 kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
—
—
—
—
LFCL0350ZC1
1
350 kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.9)
—
—
—
—
LFCL0500ZC1
1
500 kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
—
—
—
—
LFCL0600ZC1
1
600 kcmil
3.5 (88.9)
3.08 (78.2)
1.88 (47.6)
1.155 (29.3) 0.92 (23.4)
—
—
—
—
LFCL0750ZC1
1
750 kcmil
3.5 (88.9)
3.75 (95.25) 2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
—
—
—
—
LFCL1000ZC1
1
1000 kcmil
5.0 (127.0)
3.75 (95.25) 2.5 (63.5)
1.56 (39.7)
1.22 (31.0)
—
—
—
—
LFCL0012ZC3
2
12 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.19 (4.8)
0.125 (3.2)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL0010ZC3
2
10 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.14 (3.6)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL0006ZC3
2
6 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL0004ZC3
2
4 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL0002ZC3
2
2 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL0001ZC3
2
1 AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
LFCL01/0ZC3
2
1/0 AWG
1.5 (38.1)
2.625 (66.7) 1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
LFCL02/0ZC3
2
2/0 AWG
1.63 (41.3)
2.625 (66.7) 1.25 (31.8)
0.56 (14.3)
0.44 (11.1)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
LFCL03/0ZC3
2
3/0 AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
LFCL04/0ZC3
2
4/0 AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
LFCL0250ZC3
2
250 kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
LFCL0350ZC3
2
350 kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
3.38 (85.7)
1.06 (27.0)
0.25 (6.4)
1.125 (28.6)
LFCL0500ZC3
2
500 kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
3.38 (85.7)
1.19 (30.2)
0.25 (6.4)
1.63 (41.3)
LFCL0600ZC3
2
600 kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.16 (29.4)
0.92 (23.4)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
LFCL0750ZC3
2
750 kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
(Figure 1)
(Figure 2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com