Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF644STRLPBFA Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IRF644STRLPBFA
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644STRLPBFA Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button IRF644STRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 9Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 07-Dec-17
1
Document Number: 96144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-247AC 2L
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC® outline TO-247 with exception of dimension Q
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
E
15.29
15.87
0.602
0.625
3
A1
2.21
2.59
0.087
0.102
E1
13.46
-
0.53
-
A2
1.17
1.37
0.046
0.054
e
5.46 BSC
0.215 BSC
b
0.99
1.40
0.039
0.055
Ø K
0.254
0.010
b1
0.99
1.35
0.039
0.053
L
14.20
16.10
0.559
0.634
b2
1.65
2.39
0.065
0.094
L1
3.71
4.29
0.146
0.169
b3
1.65
2.34
0.065
0.092
Ø P
3.56
3.66
0.14
0.144
c
0.38
0.89
0.015
0.035
Ø P1
-
7.39
-
0.291
c1
0.38
0.84
0.015
0.033
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
D2
0.51
1.35
0.020
0.053
0.10
A
C
M
M
(4)
(4)
R/2
(2)
B
2 x R
(2)
S
D
See view B
2 x e
2 x b
2 x b2
L
C
L1
(5)
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(Datum B)
D1
(4)
4
E1
0.01
B
D
M
M
View A - A
DD
C
C
View B
(b1, b3)
Base metal
c1
(b, b2)
Section C - C, D - D
(c)
Plating
D2
Ø P1
Ø P
(6)
Thermal pad
(3)
E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com