Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF830ASPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IRF830ASPBF
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF830ASPBF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button IRF830ASPBF Datasheet HTML 2Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 3Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 4Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 5Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 6Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 7Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 8Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 9Page - Vishay Siliconix IRF830ASPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 91367
www.vishay.com
Revision: 27-Oct-08
1
Package Information
Vishay Siliconix
I2PAK (TO-262) (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm per side. These dimensions are measured at the outmost
extremes of the plastic body.
3. Thermal pad contour optional within dimension E, L1, D1, and E1.
4. Dimension b1 and c1 apply to base metal only.
A
E
B
A
A
A
c2
c
A1
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section A - A
Section B - B and C - C
Scale: None
E1
E
Seating
plane
Lead tip
(Datum A)
L1
L2
B
B
C
C
L
D
2 x e
3 x b2
3 x b
0.010
A
B
M
M
D1
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D
8.38
9.65
0.330
0.380
A1
2.03
3.02
0.080
0.119
D1
6.86
-
0.270
-
b
0.51
0.99
0.020
0.039
E
9.65
10.67
0.380
0.420
b1
0.51
0.89
0.020
0.035
E1
6.22
-
0.245
-
b2
1.14
1.78
0.045
0.070
e
2.54 BSC
0.100 BSC
b3
1.14
1.73
0.045
0.068
L
13.46
14.10
0.530
0.555
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.065
c1
0.38
0.58
0.015
0.023
L2
3.56
3.71
0.140
0.146
c2
1.14
1.65
0.045
0.065
ECN: S-82442-Rev. A, 27-Oct-08
DWG: 5977



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com