Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B54E1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC582B54E1
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B54E1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC582B54E1 Datasheet HTML 35Page - STMicroelectronics SPC582B54E1 Datasheet HTML 36Page - STMicroelectronics SPC582B54E1 Datasheet HTML 37Page - STMicroelectronics SPC582B54E1 Datasheet HTML 38Page - STMicroelectronics SPC582B54E1 Datasheet HTML 39Page - STMicroelectronics SPC582B54E1 Datasheet HTML 40Page - STMicroelectronics SPC582B54E1 Datasheet HTML 41Page - STMicroelectronics SPC582B54E1 Datasheet HTML 42Page - STMicroelectronics SPC582B54E1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
DS11597 Rev 4
39/115
SPC582Bx
Electrical characteristics
40
|ΔPLL0PHI1SPJ|(4) CC
D
PLL0_PHI1 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI1 = 40 MHz,
6-sigma pk-pk
—
—
300(5)
ps
ΔPLL0LTJ(4)
CC
D
PLL0 output long term
jitter(5)
fPLL0IN = 20 MHz
(resonator), VCO
frequency = 800 MHz
10 periods
accumulated jitter
(80 MHz equivalent
frequency), 6-sigma
pk-pk
—
—
±250
ps
16 periods
accumulated jitter
(50 MHz equivalent
frequency), 6-sigma
pk-pk
—
—
±300
ps
long term jitter
(< 1 MHz equivalent
frequency), 6-sigma
pk-pk)
—
—
±500
ps
IPLL0
CC
D PLL0 consumption
FINE LOCK state
—
—
6
mA
1. PLL0IN clock retrieved directly from either internal RCOSC or external FXOSC clock. Input characteristics are granted
when using internal RCOSC or external oscillator is used in functional mode.
2. Refer to Section 4.3: Operating conditions for the maximum operating frequency.
3. If the PLL0_PHI1 is used as an input for PLL1, then the PLL0_PHI1 frequency shall obey the maximum input frequency
limit set for PLL1 (87.5 MHz, according to Table 20).
4. Jitter values reported in this table refer to the internal jitter, and do not include the contribution of the divider and the path to
the output CLKOUT pin.
5. VDD_LV noise due to application in the range VDD_LV = 1.20 V±5%, with frequency below PLL bandwidth (40 kHz) will be
filtered.
Table 19. PLL0 electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com