Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B54E3 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC582B54E3
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B54E3 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC582B54E3 Datasheet HTML 31Page - STMicroelectronics SPC582B54E3 Datasheet HTML 32Page - STMicroelectronics SPC582B54E3 Datasheet HTML 33Page - STMicroelectronics SPC582B54E3 Datasheet HTML 34Page - STMicroelectronics SPC582B54E3 Datasheet HTML 35Page - STMicroelectronics SPC582B54E3 Datasheet HTML 36Page - STMicroelectronics SPC582B54E3 Datasheet HTML 37Page - STMicroelectronics SPC582B54E3 Datasheet HTML 38Page - STMicroelectronics SPC582B54E3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 115 page
background image
DS11597 Rev 4
35/115
SPC582Bx
Electrical characteristics
37
4.9
Reset pad (PORST) electrical characteristics
The device implements dedicated bidirectional reset pins as below specified. PORST pin
does not require active control. It is possible to implement an external pull-up to ensure
correct reset exit sequence. Recommended value is 4.7 K
Ω.
Figure 5. Startup Reset requirements
Figure 6 describes device behavior depending on supply signal on PORST:
1.
PORST low pulse has too low amplitude: it is filtered by input buffer hysteresis. Device
remains in current state.
2.
PORST low pulse has too short duration: it is filtered by low pass filter. Device remains
in current state.
3.
PORST low pulse is generating a reset:
a)
PORST low but initially filtered during at least WFRST. Device remains initially in
current state.
b)
PORST potentially filtered until WNFRST. Device state is unknown. It may either
be reset or remains in current state depending on extra condition (temperature,
voltage, device).
c)
PORST asserted for longer than WNFRST. Device is under reset.
VIL
VDD
PORST
VIH
device start-up phase
VDD_POR
PORST driven low by
device reset
forced by external circuitry
PORST undriven
device reset by
internal power-on reset
internal power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com